Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9952_LP2-GCE Datasheet(PDF) 14 Page - Fortune Semiconductor Corp.

Part # FS9952_LP2-GCE
Description  2,000 counts auto range DMM IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9952_LP2-GCE Datasheet(HTML) 14 Page - Fortune Semiconductor Corp.

Back Button FS9952_LP2-GCE Datasheet HTML 10Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 11Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 12Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 13Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 14Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 15Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 16Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 17Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 18Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
FS9952_LP2
12. Keys Definition
Range (Auto/Manual Measurement Switch)
Range (S9) key is the auto/manual measurement key that acts with trigger. Power-on default is auto
measurement, and press one time to switch to the manual measurement. In manual measurement mode, the
system will jump up one mode for each press until the highest mode, then return to the lowest mode as a loop.
If press the key over 2 seconds, the system will switch back to auto measurement status.
Manual Hold (Reading Hold)
Hold (S8) key is the reading hold key that acts with trigger. The function is to hold the display of reading. To
press the key, the display value will be locked and keep unchanged. To press the key again, the locked status
will be erased and enter the normal measurement status.
Note:
After auto power-off, if pressing HOLD key to wake up the system, the auto power-off
function will be cancelled.
MAXH (Maximum Value Hold)
MAX H (S11) is the maximum value hold key that acts with trigger. After pressing the key, A/D will keep working,
and the display value are always updated and kept the maximum value. (The actual gained value is not the
peak value, but maximum value. For the peak value, it is necessary to add up the peak oscilloscope in external
circuit).
Note:
After auto power-off, if pressing MAXH key to wake up the system, the auto power-off
function will be cancelled.
The function of this key is disable
BLCTR (Backlight Control)
BLCTR (S7) is the backlight control key that acts with trigger. When press the BLCTR key over approximately 2
seconds, the backlight will be on. To press the BLCTR key again over 2 seconds, the backlight will be off.
Select (Function Switch)
Select (S10) is the function select key that acts with trigger. Use the key as the switch of DC / AC, Ohm / Diode
/ Beeper and ℃ / ℉.
Note:
After auto power-off, if pressing SELECT key to wake up the system, the auto power-off
function will be cancelled.
The function of this key is disable
RST (Reset Key)
RST key is the reset key that acts with trigger.
Rev. 1.2
14/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com