Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9952_LP2-GCE Datasheet(PDF) 6 Page - Fortune Semiconductor Corp.

Part # FS9952_LP2-GCE
Description  2,000 counts auto range DMM IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9952_LP2-GCE Datasheet(HTML) 6 Page - Fortune Semiconductor Corp.

Back Button FS9952_LP2-GCE Datasheet HTML 2Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 3Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 4Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 5Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 6Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 7Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 8Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 9Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 10Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
FS9952_LP2
1. Introduction
FS9952_LP2 is a high performance, low power consumption and 3½ digits (1999 Counts) Analog to Digital
Converter that built-in the microprocessor (ADC+MCU). It includes the 8 bits microprocessor, low noise and
high stability OPAMP, AC rectifier OPAMP, voltage promotion and regulated voltage power, high regulated
bandgap, auto measurement switch and function control circuit, buzzer driver circuit, clock oscillation circuit,
backlight display control/driver circuit, LCD display driver circuit and so on.
With the microprocessor, FS9952_LP2 can do the logic function control when goes through the I/O ports. By
using the codes of MEA1〜MEA4 pins, it can assemble various measurement functions, as well as construct
fully auto measurement meter and fully manual measurement meter through the code settings. For the settings
of Range, Select, Manual Hold, Max Hold, BLCTR and Power ON/OFF keys, you can act the measurement
mode select, function switch, reading hold, backlight display, power on/off and so on functions by triggering
these keys.
FS9952_LP2 has the AC/DC and ℉/℃ power on first select function that is decided by SELECT1 status. This
is for the convenience of user to enter the required measurement mode during power on.
With regard to the auto power off function, when there is no action within 15 minutes on the switch or keys of
the meter, the system will enter the sleep mode automatically to save the power. If it is not necessary to use the
auto power off function in the process of using the meter, it can be cancelled during using.
FS9952_LP2 is made by large integrated circuit technology so that rise greatly up the reliability of the product,
and make the design be simple and the volume be small. With small operating voltage and low power
consumption, it is convenient to use the power supply of battery, especially suitable for the use on the palm
mode meter.
FS9952_LP2 is truly a microprocessor-embedded and multifunctional measuring ADC so that just less external
components added, it can be a high accuracy, lots functions and low cost measuring meter.
2. Features
Max. Display: 1999.
Conversion Rate: 3 times/sec.
Measurement Modes: Fully Auto Measurement/Fully Manual Measurement.
The Negative Indication: Auto.
Temperature Measurement (℃) and ( ℉): Switch by “SELECT” key.
Power Voltage Range: 2.4V-3.6V.
Chip Power Consumption: ≤6mW .
Low Battery Warning: Approx. 2.4V.
Buzzer Driver Circuit (Frequency is about 2.7kHz).
Embedded OPAMP for AC/DC conversion.
Function Keys: Range / Manual Hold /Max Hold/ Select / BLCTR.
Peak Value Hold Function. Apply to Clinch Meter and so on field.
Unit Symbol and Backlight Display.
Auto Power-off (can be cancelled in using).
Rev. 1.2
6/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com