Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9952_LP2-GCE Datasheet(PDF) 9 Page - Fortune Semiconductor Corp.

Part # FS9952_LP2-GCE
Description  2,000 counts auto range DMM IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9952_LP2-GCE Datasheet(HTML) 9 Page - Fortune Semiconductor Corp.

Back Button FS9952_LP2-GCE Datasheet HTML 5Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 6Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 7Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 8Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 9Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 10Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 11Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 12Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 13Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
FS9952_LP2
8. Pin Description
No
Symbol
I/O
Description
1
OP2O
O
The Negative Input of DC/AC Converter Operation Amplifier
2
AD1P
I
ADC Positive Input of AC Measurement
3
AD1N
I
ADC Negative Input of AC Measurement
4
ADP
I
Additional ADC Positive Input
5
SA
I
ADC Input of Current Measurement
6
SGND
I
ADC Negative Input of Analog Ground Connection
7
DT
I/O
Connecting Point of Voltage Division Resistance of Diode Measurement
8
SMV
I
High Resistance Voltage Input / ADC Positive Input of Resistance Measurement /
Connecting Point of Voltage Division Resistance of Diode Measurement
9
CRES1
I/O
Wave Filter Capacitance Connecting Point of Measuring Point of Resistance
Measurement
10
RL
I
The Negative Input of Voltage Reference of Resistance Measurement
11
ONEK
I/O
Connecting Point of Voltage Division Resistance 1.001KΩ of Voltage and
Resistance Measurement
12
TENK
I/O
Connecting Point of Voltage Division Resistance 10.010KΩof Voltage and
Resistance Measurement
13
HUNK
I/O
Connecting Point of Voltage Division Resistance 101.010KΩof Voltage and
Resistance Measurement
14
ONEM
I/O
Connecting Point of Voltage Division Resistance 1.111MΩof Voltage and
Resistance Measurement
15
TENM
I/O
Connecting Point of Voltage Division Resistance 10.000MΩof Voltage and
Resistance Measurement
16
MAXH
I
Hold Maximum Reading
17
SELECT1
I
AC/DC Prior Select
18
SELECT
I
Measurement Function Select
19
RANGE
I
Auto/Manual Switch Select
20
HOLD
I
Hold Reading
21
MEA4
I
Measurement Function Select
22
MEA3
I
Measurement Function Select
23
MEA2
I
Measurement Function Select
24
MEA1
I
Measurement Function Select
25
MEA0
I
Measurement Function Select
26
BLCTR
I
Backlight Driver Control
27
BLOUT
O
Backlight Output
28
BEEPER
O
Buzzer Driver Output
29
VSS
I
The Negative of Power Source
30
AGND
I
Analog Signal Ground Connection
31
VDD
I
The Positive of Power Source
32
TST
I
Testing Pin
33
VB
I
Bias Current Input
34
XIN
I
Oscillator Connecting Point
35
XOUT
O
Oscillator Connecting Point
36
CA
I/O
The Positive Connecting Point of Double Voltage Capacitance
37
CB
I/O
The Negative Connecting Point of Double Voltage Capacitance
38
VGG
I/O
Double Voltage Power Output
39
VDDA
I/O
Regulated Power Output/Analog Circuit Power Source
40~51
SEG12~ SEG1
O
LCD Segment 12~ LCD Segment 1
Rev. 1.2
9/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com