Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9952_LP2-GCE Datasheet(PDF) 27 Page - Fortune Semiconductor Corp.

Part # FS9952_LP2-GCE
Description  2,000 counts auto range DMM IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9952_LP2-GCE Datasheet(HTML) 27 Page - Fortune Semiconductor Corp.

Back Button FS9952_LP2-GCE Datasheet HTML 23Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 24Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 25Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 26Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 27Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 28Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 29Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 30Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 31Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
FS9952_LP2
Voltage Measurement
VR2
10k
V
COM
R7
40k
R23 10M
R22 1.111M
R21 101.01k
R20 10k
R19 1k
R4
20k
PTC
1.5k
R14 10k
57 REFI
58 REFO
15 TENM
14 ONEM
13 HUNK
12 TENK
11 ONEK
6 SGND FS9952
V
Diagram 25 Voltage Measurement
When doing the voltage measurement, the measuring voltage is input from resistance R23 and DCmV is not
divided but enter IC directly; the voltages of 2V, 20V, 200V, 1000V modes are divided by R22, R21, R20, R19
and R23 to gain 1/10, 1/100, 1/1000, 1/10000 input voltages, then enter IC. To adjust the resistance value of
VR2 can do the calibration of the measurement.
The voltage division diagram of voltage measurement is as below:
Vout=0.1V
Vout=0.1V
Vout=0.1V
Vout=0.1V
Vin=1V
Vin=10V
Vin=100V
Vin=1000V
R23
10M
R23
10M
R23
10M
R23
10M
R22
1.111M
R21
101.01k
R20
10k
R19
1k
Diagram 26 Voltage Division Circuit Diagram
The formula of voltage division is:
VO=Vin × [Rx/(R23+Rx)]
Rx is R22, R21, R20 or R19
Therefore, the accuracy of R19, R20, R21, R22 and R23 decide the accuracy of the measurement.
AcmV voltage enters IC through R23 and is divided by R22 and R23 to get 1/10 voltage, then is amplified
10 times to fulfill the measurement by A/D, so the accuracy of R5 and R8 is also determine the measuring
accuracy of AcmV voltage.
Current Measurement
Rev. 1.2
27/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com