Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9952_LP2-GCE Datasheet(PDF) 23 Page - Fortune Semiconductor Corp.

Part # FS9952_LP2-GCE
Description  2,000 counts auto range DMM IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9952_LP2-GCE Datasheet(HTML) 23 Page - Fortune Semiconductor Corp.

Back Button FS9952_LP2-GCE Datasheet HTML 19Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 20Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 21Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 22Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 23Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 24Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 25Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 26Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 27Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
FS9952_LP2
R3
51
BUZZER
R9
10k
BJ1
28 BEEPER
VDD
FS9952
Diagram 14 Low Resistance Buzzer Connection
3k
BUZZER
R9
10k
BJ1
28 BEEPER
FS9952
VDD
Diagram 15 High Resistance Buzzer Connection
Power Supply Circuit
The different applications of users make different power supply methods. In some measurements, the sensor
requires higher voltage such as OPAMP, Hale components and so on that it is difficult to supply the power by 3V,
then you can take some power supply methods as below.
10uF
10uF
3V
31 VDD
30 AGND
29 VSS
FS9952
Diagram 16 3V Power Supply
Rev. 1.2
23/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com