Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9952_LP2-GCE Datasheet(PDF) 25 Page - Fortune Semiconductor Corp.

Part # FS9952_LP2-GCE
Description  2,000 counts auto range DMM IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9952_LP2-GCE Datasheet(HTML) 25 Page - Fortune Semiconductor Corp.

Back Button FS9952_LP2-GCE Datasheet HTML 21Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 22Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 23Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 24Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 25Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 26Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 27Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 28Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 29Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
FS9952_LP2
1uF
1uF
DC-TO-DC
10uF
9~12V
V+
V-
31 VDD
30 AGND
29 VSS
FS9952
Diagram 21 9V〜12V Power Supply
AC Rectification Circuit
Diagram 22 is the average rectification circuitry of FS9952_LP2. In the circuit, AC signals enter IC through R23,
and then in the process of voltage division through R23, R22, R21, R20 and R19. The divided AC signals come
out from OP1O pin and enter IC through ADIP pin and ADIN pin after rectification. VR1 can adjust the signal
size to be the calibration of AC measurement.
200mV mode is amplified 10 times through OP.
Diagram 23 is the peak value rectification circuitry. Diagram 24 is the true valid value rectification circuitry. The
user can determine by oneself according to the need to select which rectification circuit to use.
+
_
+
-
+
-
R5
10k
R8
90k
R12
28.5k
R13
22k
R11
22k
D1
D2
R24
100k
R25
100k
To DIGIT Part
To ADC V+
To ADC V+
To ADC V-
INL
INH
AD1P
AD1N
OP2O
OP2N
OP2P
OP1O
OP1N
VR1
2k
C13
27nF
C12
27nF
C9
0.47uF
C10
0.47uF
C6
4.7uF
23
164
62
63
61
FS9952
Diagram 22 Average Rectification Circuit
Rev. 1.2
25/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com