Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9952_LP2-GCE Datasheet(PDF) 7 Page - Fortune Semiconductor Corp.

Part # FS9952_LP2-GCE
Description  2,000 counts auto range DMM IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9952_LP2-GCE Datasheet(HTML) 7 Page - Fortune Semiconductor Corp.

Back Button FS9952_LP2-GCE Datasheet HTML 3Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 4Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 5Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 6Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 7Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 8Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 9Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 10Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 11Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
FS9952_LP2
3. User Development Function
FS9952_LP2 is a microprocessor-embedded ADC with the development system. Users can self-define the
functions of the meter according to their needs, as well as compose and revise the software for new
development to make it has different functions and style to suit the applications of themselves.
4. Measurable Modes
DC Voltage: 199.9mV, 1.999V, 19.99V, 199.9V, 1000V.
AC Voltage: 199.9mV, 1.999V, 19.99V, 199.9V, 1000V.
DC Current: 199.9μA / 1999μA;19.99mA / 199.9mA;1.999A / 19.999A;199.9A / 1999A.
AC Current: 199.9μA / 1999μA;19.99mA / 199.9mA;1.999A / 19.999A;199.9A / 1999A.
Resistance: 199.9Ω,1.999kΩ,19.99kΩ,199.9kΩ,1.999MΩ,19.99MΩ.
Diode: 0V-1.5 V.
Short Circuit Test: Sound when lower than 50Ω.
Triode hFE: 0-1999.
Temperature Measurement: ℃ or ℉.
5. Application Field
Auto Measurement Palm Digital Multimeter.
Auto Measurement Card Digital Multimeter.
Auto Measurement Pen Digital Multimeter.
Auto Measurement Clinch Meter (Hook Meter, Clamp Meter, etc.).
Number Panel Meter.
Rev. 1.2
7/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com