Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9952_LP2-GCE Datasheet(PDF) 12 Page - Fortune Semiconductor Corp.

Part # FS9952_LP2-GCE
Description  2,000 counts auto range DMM IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9952_LP2-GCE Datasheet(HTML) 12 Page - Fortune Semiconductor Corp.

Back Button FS9952_LP2-GCE Datasheet HTML 8Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 9Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 10Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 11Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 12Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 13Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 14Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 15Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 16Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
FS9952_LP2
10. Technical Specification (VDD=3V, Ta=25℃)
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VDD
Recommend Operation Power Voltage
2.4
3.6
V
IDD
Supply Current
At DCV Mode
1.5
2
mA
IPO
Power-off Supply Current
At Power Off
10
μA
VIH
Digital Input High Voltage
VDD-0.5
V
VIL
Digital Input Low Voltage
0.5
V
Ipu
Pull up Current
Vin=0
5
10
μA
AGND
Analog Ground Voltage
VDD/2-3% VDD/2 VDD/2+3%
V
VDDA
Analog Power
3.4
3.7
4
V
VBAND
Build in Reference Voltage
Relative AGND Voltage
1.1
1.25
1.1
V
Build in Reference Voltage Output
Voltage Coefficient
VDD=2.4~3.6
-2000
2000
Digits
REFI
Recommend Reference input Voltage
Relative AGND Voltage
0.44
V
VBATT
Low Battery Detector Voltage
2.25
2.4
2.55
V
FLCD
LCD Frame Frequency
32
Hz
VLCD
LCD PK-PK Driver Voltage
2.8
3
3.2
V
FBEEP
Beeper Frequency
2.7
kHz
Zero Input Reading
DC ADP×1
-0.001
0
0.001
Digits
Input=0V
Linearity (Max. Deviation From Best
Straight Line Fit)
DC ADP×1
-1
0
1
Byte
Input, Full Scale±2400mV
AC Measurement Bandwidth Error
AC ADP×1
0.2
Input 240mVrms
20Hz~1KHz
RCC
Continuity Check Value
10
60
Ω
ADC Measurement O.L Display Count
2000
Digits
Auto range Up Count
2000
Digits
Auto range Down Count
360
Digits
Rev. 1.2
12/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com