Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9952_LP2-GCE Datasheet(PDF) 13 Page - Fortune Semiconductor Corp.

Part # FS9952_LP2-GCE
Description  2,000 counts auto range DMM IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9952_LP2-GCE Datasheet(HTML) 13 Page - Fortune Semiconductor Corp.

Back Button FS9952_LP2-GCE Datasheet HTML 9Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 10Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 11Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 12Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 13Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 14Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 15Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 16Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 17Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
FS9952_LP2
11. Measurement Mode Select
Measurement Mode Select
(Code table of Auto Measurement and Fully Manual Measurement, MEA0〜MEA4: Not connected is “1”;
Connect to VSS is “0”):
MEA
4
MEA
3
MEA
2
MEA
1
MEA
0
Function
SELECT1 Prior
Function
Range
Hold
Jumper
1
0
1
1
1
1
1
DCV
●
●
J7
1
1
1
1
0
DCV/ACV
ACV/D
CV
DCV/AC
V
●
●
J7
1
1
1
0
1
Ohm/Diode
/continuity
Ohm/Diode
/continuity
Ohm
●
Ohm
●
J6,J8,J10
1
1
0
1
1
ACV
●
●
J7
1
0
1
1
1
Ohm
●
●
J6,J8,J10
1
1
1
0
0
200μA/2000μA
DCA/AC
A
●
●
J5,
1
0
0
1
1
20mA/200mA
ACA/D
CA
●
●
J4,
1
1
0
0
1
2A/20A
●
●
1
0
1
1
0
200A/2000A
●
●
1
1
0
1
0
Diode/Continuity
Diode/Continuity
J6,J8,J10
1
0
1
0
1
hFE
●
J2
1
1
0
0
0
Temp.
℃
/℉
℉
/℃
●
J1,J3,J9
1
0
1
0
0
Refer to Table
9.2
●
1
0
0
1
0
●
1
0
0
0
1
●
0
1
1
1
1
200mv
ACV/D
CV
DC/AC
●
J7
0
1
1
1
0
2V
●
J7
0
1
1
0
1
20V
●
J7
0
1
0
1
1
200V
●
J7
0
0
1
1
1
1000V
●
J7
0
1
1
0
0
200Ω
●
J6,J8,J10
0
0
0
1
1
2kΩ
●
J6,J8,J10
0
1
0
0
1
20kΩ
●
J6,J8,J10
0
0
1
1
0
200kΩ
●
J6,J8,J10
0
1
0
1
0
2MΩ
●
J6,J8,J10
0
0
1
0
1
20MΩ
●
J6,J8,J10
0
0
0
0
1
Continuity
●
J6,J8,J10
0
0
0
1
0
Diode
●
J6,J8,J10
Note: In “Jumper” column, JX means the JX of the measurement is connected in the common use circuitry of Diagram 1.
Self-defined Symbols and Decimal Location
(MEA0〜MEA4: Not connected is “1”; Connect to VSS is “0”)
MEA4
MEA3
MEA2
MEA1
MEA0
Range of
Input
Voltage
Input
Channel
Decimal
Location
Symbol
Location
Symbol
1
0
1
0
0
2000
COM2,
SEG11
1
0
0
1
0
±200mV
ADP
20.00
COM2,
SEG12
User-Defined
1
0
0
0
1
200.0
COM1,
SEG12
Rev. 1.2
13/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com