Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9952_LP2-GCE Datasheet(PDF) 28 Page - Fortune Semiconductor Corp.

Part # FS9952_LP2-GCE
Description  2,000 counts auto range DMM IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9952_LP2-GCE Datasheet(HTML) 28 Page - Fortune Semiconductor Corp.

Back Button FS9952_LP2-GCE Datasheet HTML 24Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 25Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 26Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 27Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 28Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 29Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 30Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 31Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 32Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
FS9952_LP2
R14 10k
R28
99
R27
0.99
R26
0.01
J5
J4
uA/mA
20A
FS9952
0.5A/250V
20A/250V
1N4004*2
COM
5 SA
30 AGND
Diagram 27
Current Measurement
When doing the current measurement, the current signals enter IC through R14.
The sampling resistance of μA mode is R26+R27+R28, the sampling resistance of mA mode is R27+R26 and
the sampling resistance of 20A mode is R26. They are measured respectively through the mode switch. When
measuring μA, J4 is open, and J5 is close; when measuring mA, J14 is close, and J5 is open; when measuring
the large current of 20A mode, the current enter directly from 20A port.
The maximum reduced voltage for μA, mA and 10A modes is 0.2V.
These voltages are input voltage comparator to compare. If the voltage is smaller than 20mV, it will be sent to
10 times amplifier to amplify, then sent to A/D converter; if the voltage is larger than 20mV, the system will act
the auto jump mode to jump up one mode under the control of the microprocessor, and then send directly the
current signal into A/D converter.
Rev. 1.2
28/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com