Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9952_LP2-GCE Datasheet(PDF) 15 Page - Fortune Semiconductor Corp.

Part # FS9952_LP2-GCE
Description  2,000 counts auto range DMM IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9952_LP2-GCE Datasheet(HTML) 15 Page - Fortune Semiconductor Corp.

Back Button FS9952_LP2-GCE Datasheet HTML 11Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 12Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 13Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 14Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 15Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 16Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 17Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 18Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 19Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
FS9952_LP2
13. Other Functions
Auto Power Off
In the process of measuring, no matter the function key or switch, if there is no any action on them within 15
minutes, the meter will be “Auto Power Off” (Sleep Mode) to save the power. To cancel the auto power off
function, it is simply to press and hold the Manual Hold key to turn the system on, and then the auto power off
function will be cancelled.
In auto power off status to press the function keys or switches, the meter will be “Auto Power On” (Operating
Mode).
Note:
In AC mode (MEAS: 11110) and auto power off, DC mode (MEAS: 11111) cannot be waked up
singly.
In sleep mode, the auto function will be cancelled if pressing Manual Hold key to turn the
system on.
Buzzer
When press any key or turn any function switch, the buzzer will raise one “beep” sound (approx. 0.25 second
〜
1 second). When measuring AC Voltage>750V, DC Voltage>1000V, AC/DC mA Current>2000uA, AC/DC μA
Current>200.0mA, AC/DC Large Current>10A, the buzzer will keep sounding as the overload warning.
Approximate 1 minute before the system is auto power off, the buzzer will raise constantly 5 sounds to warning.
Before the system is power off, the buzzer will raise 1 long sound to warning.
SELECTC1 (Not connected is “1”; Connect to VSS is “0”.)
If set SELECT1 to “1”, the power on default status is AC or ℉; if set it to “0”, the power on default status is DC
or ℃.
Backlight
The system has the backlight driver output to control the on and off of the backlight circuit. It provides the
convenience to read in a dim light and worse vision. If press the BLCTR (S7) key over approx. 2 seconds, the
backlight will be on to drive the backlight circuit, and to press the key again, the backlight will be off. After
backlight is on, if no press on the key, it will be auto off in 15 seconds.
Rev. 1.2
15/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com