Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFM119SW Datasheet(PDF) 9 Page - HOPE Microelectronics CO., Ltd.

Part # RFM119SW
Description  Embedded EEPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM119SW Datasheet(HTML) 9 Page - HOPE Microelectronics CO., Ltd.

Back Button RFM119SW Datasheet HTML 5Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 6Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 7Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 10Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 11Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 12Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 13Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
RFM119W/RFM119SW
Rev 1.0 | Page 9 /19
www.hoperf.com
W
E-mail:sales@hoperf.com
LDOs
POR
Bandgap
5. Functional Descriptions
VDD
GND
XTAL
XOSC
PFD/CP
Loop Filter
VCO
PA
RFO
Fractional-N
DIV
EEPROM
Modulator
Ramp
Control
CLK
DATA
Interface and Digital Logic
Figure 11. RFM119W/RFM119SW Functional Block Diagram
5.1 Overview
The RFM119W/RFM119SW is a high performance, highly flexible, low-cost, single-chip (G)FSK/OOK transmitter for various 240
to 960
MHz wireless applications. It is part of the HOPERF NextGenRFTM family, which includes a complete line of transmitters,
receivers and transceivers. The chip is optimized for the low system cost, low power consumption, battery powered application
with its highly integrated and low power design.
The functional block diagram of the RFM119W/RFM119SW is shown in the figure above. The RFM119W/RFM119SW is
based on direct synthesis of the RF frequency, and the frequency is generated by a low-noise fractional-N frequency
synthesizer. It uses a 1-pin crystal oscillator circuit with the required crystal load capacitance integrated on-chip to minimize
the number of external components. Every analog block is calibrated on each Power-on Reset (POR) to the internal voltage
reference. The calibration can help the chip to finely work under different temperatures and supply voltages. The
RFM119W/RFM119SW uses the DATA pin for the host MCU to send in the data. The input data will be modulated and sent
out by a highly efficient PA, which output power can be configured from -10 to +13 dBm in 1 dB step size
The user can directly use the RFM119W/RFM119SW default configuration for immediate demands. If that cannot meet the
system requirement, on-line register configuration and off-line EEPROM programming configuration are available for the user
to customize the chip features. The on-line configuration means there is an MCU available in the application to configure the
chip registers through the 2-wire interface, while the off-line configuration is done by the HOPERF USB Programmer and the
RFPDK. After the configuration is done, only the DATA pin is required for the host MCU to send in the data and control the
transmission. The RFM119W/RFM119SW operates from 1.8 to 3.6 V so that it can finely work with most batteries to their
useful power limits. It only consumes 15.5 mA (OOK @ 868.35 MHz) / 27.6 mA (FSK @ 868.35 MHz) when transmitting +10
dBm power under 3.3 V supply voltage.
5.2 Modulation, Frequency, Deviation and Symbol Rate
The RFM119W/RFM119SW supports GFSK/FSK modulation with the symbol rate up to 100 ksps, as well as OOK modulation
with the symbol rate up to 30 ksps. The supported deviation of the (G)FSK modulation ranges from 1 to 200 kHz. The
RFM119W/RFM119SW continuously covers the frequency range from 240 to 960 MHz, including the license free ISM
frequency band around 315 MHz,
433.92 MHz, 868.35 MHz and 915 MHz. The device contains a high spectrum purity low power fractional-N frequency
synthesizer with output frequency resolution better than 198 Hz when the frequency is less than 480 MHz, and is about 397 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com