Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFM119SW Datasheet(PDF) 14 Page - HOPE Microelectronics CO., Ltd.

Part # RFM119SW
Description  Embedded EEPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM119SW Datasheet(HTML) 14 Page - HOPE Microelectronics CO., Ltd.

Back Button RFM119SW Datasheet HTML 10Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 11Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 12Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 13Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 14Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 15Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 16Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 17Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 18Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
RFM119W/RFM119SW
Rev 1.0 | Page 14 /19
www.hoperf.com
W
E-mail:sales@hoperf.com
5.6.1 Tx Enabled by DATA Pin Rising Edge
As shown in the figure below, once the RFM119W/RFM119SW detects a rising edge on the DATA pin, it goes into the XO-
STARTUP state. The user has to pull the DATA pin high for at least 10 ns (tHOLD) after detecting the rising edge, as well as wait
for the sum of tXTAL and tTUNE before sending any useful information (data to be transmitted) into the chip on the DATA pin. The
logic state of the DATA pin is “Don't Care” from the end of tHOLD till the end of tTUNE. In the TRANSMIT state, PA sends out the
input data after
they are modulated. The user has to pull the DATA pin low for tSTOP in order to end the transmission.
STATE
SLEEP
XO-STARTUP TUNE
TRANSMIT
SLEEP
Rising Edge
tXTAL
tTUNE
tSTOP
DATA pin
0
1
tHOLD
Don’t Care
Valid Transmitted Data
0
PA out
RF Signals
Figure 16. Transmission Enabled by DATA Pin Rising Edge
5.6.2 Tx Enabled by DATA Pin Falling Edge
As shown in the figure below, once the RFM119W/RFM119SW detects a falling edge on the DATA pin, it goes into XO-
STARTUP state and the XO starts to work. During the XO-STARTUP state, the DATA pin needs to be pulled low. After the XO
is settled, the RFM119W/RFM119SW goes to the TUNE state. The logic state of the DATA pin is “Don't Care” during the TUNE
state. In the TRANSMIT state, PA sends out the input data after they are modulated. The user has to pull the DATA pin low for
tSTOP in order to end the
transmission. Before starting the next transmit cycle, the user has to pull the DATA pin back to high.
STATE
SLEEP
XO-STARTUP TUNE
TRANSMIT
SLEEP
Falling Edge
tXTAL
tTUNE
tSTOP
DATA pin
1
0
Don’t Care
Valid Transmitted Data
0
1
PA out
RF Signals
Figure 17. Transmission Enabled by DATA Pin Falling Edge
5.6.3 Two-wire Interface
For power-saving and reliable transmission purposes, the RFM119W/RFM119SW is recommended to communicate with
the host MCU over a two-wire interface (TWI): DATA and CLK. The TWI is designed to operate at a maximum of 1 MHz.
The timing requirement and data transmission control through the TWI are shown in this section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com