Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFM119SW Datasheet(PDF) 12 Page - HOPE Microelectronics CO., Ltd.

Part # RFM119SW
Description  Embedded EEPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM119SW Datasheet(HTML) 12 Page - HOPE Microelectronics CO., Ltd.

Back Button RFM119SW Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 10Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 11Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 12Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 13Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 14Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 15Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 16Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
RFM119W/RFM119SW
Rev 1.0 | Page 12 /19
www.hoperf.com
W
E-mail:sales@hoperf.com
5.5 PA Ramping
When the PA is switched on or off quickly, its changing input impedance momentarily disturbs the VCO output frequency. This
process is called VCO pulling, and it manifests as spectral splatter or spurs in the output spectrum around the desired carrier
frequency. By gradually ramping the PA on and off, PA transient spurs are minimized. The RFM119W/S has built-in PA
ramping configurability with options of 0, 1, 2, 4, 8, 16, 32, 64, 128, 256, 512 and 1024 us, as shown in Figure 13. These
options are only available when the modulation type is OOK. When the option is set to “0”, the PA output power will ramp up
to its configured value in the shortest possible time. The ramp down time is identical to the ramp up time in the same
configuration.
HOPERF recommends that the maximum symbol rate should be no higher than 1/2 of the PA ramping “rate”, as shown in the
formula below.
SRMax ≤ 0.5 * (
1
)
tRAMP
In which the PA ramping “rate” is given by (1/tRAMP). In other words, by knowing the maximum symbol rate in the application,
the PA ramping time can be calculated by formula below.
tRAMP ≤ 0.5 * (
1
)
SRMAX
The user can select one of the values of the tRAMP in the available options that meet the above requirement. If somehow the
tRAMP is set to be longer than “0.5 * (1/SRMax)”, it will possibly bring additional challenges to the OOK demodulation of the Rx
device. For more detail of calculating tRAMP, please refer to “AN122 CMT2113/19A Configuration Guideline”.
0 us
1 us
2 us
4 us
8 us
512 us
1024 us
Time
Logic 1
Logic 0
Time
Figure 13. PA Ramping Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com