Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFM119SW Datasheet(PDF) 11 Page - HOPE Microelectronics CO., Ltd.

Part # RFM119SW
Description  Embedded EEPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM119SW Datasheet(HTML) 11 Page - HOPE Microelectronics CO., Ltd.

Back Button RFM119SW Datasheet HTML 7Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 10Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 11Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 12Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 13Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 14Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 15Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
RFM119W/RFM119SW
Rev 1.0 | Page 11 /19
www.hoperf.com
W
E-mail:sales@hoperf.com
Table 10. Configurable Parameters in RFPDK
Category
Parameters
Descriptions
Default
Mode
Frequency
To input a desired transmitting radio frequency in
the range from 240 to 960 MHz. The step size is
0.001 MHz.
868.35 MHz
Basic
Advanced
Basic
Modulation
The option is FSK or GFSK and OOK.
FSK
The FSK frequency deviation. The range is from
Advanced
Basic
Deviation
Symbol Rate
1 to 100 kHz.
The GFSK symbol rate. The user does not need
to specify symbol rate for FSK and OOK
modulation.
To select a proper transmitting output power from
35 kHz
2.4 ksps
Advanced
Basic
Advanced
RF Settings
Tx Power
Xtal Load
Data
-10 dBm to +14 dBm, 1 dB margin is given above
+13 dBm.
On-chip XOSC load capacitance options: from 10
to 22 pF. The step size is 0.33 pF.
To select whether the frequency “Fo + Fdev”
represent data 0 or 1. The options are:
Basic
+13 dBm
Advanced
15 pF
Basic Advanced
0: F-low
Representation
0: F-high 1: F-low, or
0: F-low 1: F-high.
To control PA output power ramp up/down time
1: F-high
Advanced
Transmitting
Settings
PA Ramping
Start by
for OOK transmission, options are 0 and 2n us (n
from 0 to 10).
Start condition of a transmitting cycle, by Data
Pin Rising/Falling Edge.
Stop condition of a transmitting cycle, by Data
0 us
Advanced
Data Pin Rising
Advanced
Edge
Data Pin
Stop by
Pin Holding Low for 2 to 90 ms.
Holding Low for
20 ms
Advanced
5.4 Power Amplifier
A highly efficient single-ended Power Amplifier (PA) is integrated in the RFM119W/RFM119SW to transmit the modulated
signal out. Depending on the application, the user can design a matching network for the PA to exhibit optimum efficiency at
the desired output power for a wide range of antennas, such as loop or monopole antenna. Typical application schematics
and the required BOM are shown in “Chapter 4 Typical Application Schematic”. For the schematic, layout guideline and the
other detailed information please refer to “AN101 CMT211xA Schematic and PCB Layout Design Guideline”.
The output power of the PA can be configured by the user within the range from -10 dBm to +13 dBm in 1 dB step size using
the HOPERF USB Programmer and RFPDK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com