Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFM119SW Datasheet(PDF) 6 Page - HOPE Microelectronics CO., Ltd.

Part # RFM119SW
Description  Embedded EEPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM119SW Datasheet(HTML) 6 Page - HOPE Microelectronics CO., Ltd.

Back Button RFM119SW Datasheet HTML 2Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 3Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 4Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 5Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 6Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 7Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 10Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
RFM119W/RFM119SW
Rev 1.0 | Page 6 /19
www.hoperf.com
W
E-mail:sales@hoperf.com
2. Pin Descriptions
RFM119W. Pin Diagram
RFM119SW. Pin Diagram
Table 6. RFM119W/RFM119SW Pin Descriptions
Pin Number
Name
I/O
Descriptions
RFM119W
RFM119SW
1
1
ANT
O
Transmitter RF Output
2
4
VDD
I
Power Supply 1.8V to 3.6V
3
8
DATA
I/O
Data input to be transmitted or
Data pin to access the embedded EEPROM
4
2,7,9,14
GND
I
Ground
5
3,5,6,
NC
---
Connect to GND
6
11
CLK
I
Clock pin to access the embedded EEPROM
7
GND
I
Ground
8
10,12,13
NC
---
Connect to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com