Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFM119SW Datasheet(PDF) 13 Page - HOPE Microelectronics CO., Ltd.

Part # RFM119SW
Description  Embedded EEPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM119SW Datasheet(HTML) 13 Page - HOPE Microelectronics CO., Ltd.

Back Button RFM119SW Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 10Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 11Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 12Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 13Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 14Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 15Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 16Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 17Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
RFM119W/RFM119SW
Rev 1.0 | Page 13 /19
www.hoperf.com
W
E-mail:sales@hoperf.com
5.6. Working States and Transmission Control Interface
The RFM119W/S has following 4 different working states: SLEEP, XO-STARTUP, TUNE and TRANSMIT.
SLEEP
When the RFM119W/RFM119SW is in the SLEEP state, all the internal blocks are turned off and the current consumption is
minimized to
20 nA typically.
XO-STARTUP
After detecting a valid control signal on DATA pin, the RFM119W/RFM119SW goes into the XO-STARTUP state, and the
internal XO starts to work. The valid control signal can be a rising or falling edge on the DATA pin, which can be configured on
the RFPDK. The host MCU has to wait for the tXTAL to allow the XO to get stable. The tXTAL is to a large degree crystal
dependent. A typical value of tXTAL is provided in the Table 11.
TUNE
The frequency synthesizer will tune the RFM119W/RFM119SW to the desired frequency in the time tTUNE. The PA can be
turned on to transmit the incoming data only after the TUNE state is done, before that the incoming data will not be transmitted.
See Figure
16 and Figure 17 for the details.
TRANSMIT
The RFM119W/RFM119SW starts to modulate and transmit the data coming from the DATA pin. The transmission can be
ended in 2 methods: firstly, driving the DATA pin low for tSTOP time, where the tSTOP can be configured from 20 to 90 ms on the
RFPDK; secondly, issuing SOFT_RST command over the two-wire interface, this will stop the transmission in 1 ms. See
Section 6.2.3 for details of the two-wire interface.
Table 11.Timing in Different Working States
Parameter
Symbol
Min
Typ
Max
Unit
XTAL Startup Time [1]
tXTAL
400
us
Time to Tune to Desired Frequency
tTUNE
370
us
Hold Time After Rising Edge
tHOLD
10
ns
Time to Stop the Transmission[2]
tSTOP
2
90
ms
Notes:
[1]. This parameter is to a large degree crystal dependent.
[2]. Configurable from 2 to 9 in 1 ms step size and 20 to 90 ms in 10 ms step size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com