Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFM119SW Datasheet(PDF) 5 Page - HOPE Microelectronics CO., Ltd.

Part # RFM119SW
Description  Embedded EEPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM119SW Datasheet(HTML) 5 Page - HOPE Microelectronics CO., Ltd.

  RFM119SW Datasheet HTML 1Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 2Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 3Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 4Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 5Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 6Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 7Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
RFM119W/RFM119SW
Rev 1.0 | Page 5 /19
www.hoperf.com
W
E-mail:sales@hoperf.com
1.3 Transmitter Specifications
Table 4. Transmitter Specifications
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Frequency Range[1]
FRF
240
960
MHz
Synthesizer Frequency
Resolution
FRES
FRF ≤ 480 MHz
198
Hz
FRF > 480 MHz
397
Hz
Symbol Rate
SR
FSK/GFSK
0.5
100
ksps
OOK
0.5
30
ksps
(G)FSK Modulation
Deviation Range
FDEV
1
200
kHz
Bandwidth-Time Product
BT
GFSK modulation
-
0.5
-
-
Maximum Output Power
POUT(Max)
+13
dBm
Minimum Output Power
POUT(Min)
-10
dBm
Output Power Step Size
PSTEP
1
dB
OOK PA Ramping Time[2]
tRAMP
0
1024
us
Current Consumption
@ 433.92 MHz
IDD-433.92
OOK, 0 dBm, 50% duty cycle
6.7
mA
OOK, +10 dBm, 50% duty cycle
13.4
mA
OOK, +13 dBm, 50% duty cycle
17.4
mA
FSK, 0 dBm, 9.6 ksps
10.5
mA
FSK, +10 dBm, 9.6 ksps
23.5
mA
FSK, +13 dBm, 9.6 ksps
32.5
mA
Current Consumption
@ 868.35 MHz
IDD-868.35
OOK, 0 dBm, 50% duty cycle
8.0
mA
OOK, +10 dBm, 50% duty cycle
15.5
mA
OOK, +13 dBm, 50% duty cycle
19.9
mA
FSK, 0 dBm, 9.6 ksps
12.3
mA
FSK, +10 dBm, 9.6 ksps
27.6
mA
FSK, +13 dBm, 9.6 ksps
36.1
mA
Sleep Current
ISLEEP
20
nA
Frequency Tune Time
tTUNE
370
us
Phase Noise @ 433.92
MHz
PN433.92
100 kHz offset from FRF
-80
dBc/Hz
600 kHz offset from FRF
-98
dBc/Hz
1.2 MHz offset from FRF
-107
dBc/Hz
Phase Noise @ 868.35
MHz
PN868.35
100 kHz offset from FRF
-74
dBc/Hz
600 kHz offset from FRF
-92
dBc/Hz
1.2 MHz offset from FRF
-101
dBc/Hz
Harmonics Output for
433.92 MHz[3]
H2433.92
2nd harm @ 867.84 MHz, +13 dBm POUT
-52
dBm
H3433.92
3rd harm @ 1301.76 MHz, +13 dBm POUT
-60
dBm
Harmonics Output for
868.35 MHz [3]
H2868.35
2nd harm @ 1736.7 MHz, +13 dBm POUT
-67
dBm
H3868.35
3rd harm @ 2605.05 MHz, +13 dBm POUT
-55
dBm
OOK Extinction Ration
60
dB
Notes:
[1]. The frequency range is continuous over the specified range.
[2]. 0 and 2n us, n = 0 to 10, when set to “0”, the PA output power will ramp to its configured value in the shortest possible
time.
[3]. The harmonics output is measured with the application shown as Figure 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com