Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFM119SW Datasheet(PDF) 7 Page - HOPE Microelectronics CO., Ltd.

Part # RFM119SW
Description  Embedded EEPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM119SW Datasheet(HTML) 7 Page - HOPE Microelectronics CO., Ltd.

Back Button RFM119SW Datasheet HTML 3Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 4Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 5Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 6Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 7Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 10Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 11Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
RFM119W/RFM119SW
Rev 1.0 | Page 7 /19
www.hoperf.com
W
E-mail:sales@hoperf.com
3. Typical Performance Characteristics
Phase Noise @ 433.92  MHz 
20 
13.4 dBm
10  
@ 433.92 MHz
0 
Phase Noise @ 868.35 MHz
15 
13.0 dBm
@ 868.35 MHz
5 
 
‐5 
 
‐10 
 
‐15 
 
‐20 
 
‐25 
‐30 
 
‐40 
 
‐50 
 
‐60 
 
 
‐56.7 dBm 
@ 435.12 MHz 
 
‐35 
 
‐45 
 
‐55 
 
 
-55.9 dBm
@ 869.55 MHz
‐70 
432.42 432.67 432.92 433.17 433.42 433.67 433.92 434.17 434.42 434.67 434.92 435.17 435.42 
Frequency (MHz) (RBW=10 kHz)
‐65 
866.85   867.1  867.35   867.6  867.85   868.1  868.35   868.6  868.85   869.1  869.35   869.6  869.85 
Frequency (MHz) (RBW = 10 kHz)
Figure 3. Phase Noise, FRF = 433.92 MHz,
POUT = +13 dBm, Unmodulated
Figure 4. Phase Noise, FRF = 868.35 MHz,
POUT = +13 dBm, Unmodulated
OOK Spectrum, SR = 9.6 ksps
10 
FSK vs. GFSK 
20
10
0 
 
‐10 
 
‐20 
 
0
-10
-20
FSK
GFSK
‐30 
 
-30
‐40 
 
-40
‐50 
433.18         433.37         433.55         433.74         433.92         434.11         434.29         434.48         434.66 
Frequency (MHz)
-50
433.62
433.72
433.82
433.92
434.02
434.12
434.22
Frequency (MHz)
Figure 5. OOK Spectrum, SR = 9.6 ksps,
POUT = +10 dBm, tRAMP = 32 us
Figure 6. FSK/GFSK Spectrum,
SR = 9.6 ksps, FDEV = 15 kHz
Spectrum of Various PA Ramping Options
10 
POUT vs. VDD
14 
 
0 
 
‐10 
 
 
 
 
‐30 
 
‐40 
1024 us 
512 us 
256 us 
128 us 
64 us 
32 us 
 
12 
 
SR = 1.2 ksps
10 
 
8 
 
 
4 
 
2 
 
0 
 
 
 
 
 
0 dBm
+10 dBm
+13 dBm
‐50 
433.17  
433.37  
433.57  
433.77  
433.97  
434.17  
434.37  
434.57 
Frequency (MHz)
‐2 
1.6  
1.8  
2  
2.2  
2.4  
2.6  
2.8  
3  
3.2  
3.4  
3.6  
3.8 
Supply Voltage VDD (V)
Figure 7. Spectrum of PA Ramping,
SR = 1.2 ksps, POUT = +10 dBm
Figure 8. Output Power vs. Supply
Voltages, FRF = 433.92 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com