Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFM119SW Datasheet(PDF) 16 Page - HOPE Microelectronics CO., Ltd.

Part # RFM119SW
Description  Embedded EEPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM119SW Datasheet(HTML) 16 Page - HOPE Microelectronics CO., Ltd.

Back Button RFM119SW Datasheet HTML 11Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 12Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 13Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 14Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 15Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 16Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 17Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 18Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 19Page - HOPE Microelectronics CO., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
RFM119W/RFM119SW
Rev 1.0 | Page 16 /19
www.hoperf.com
W
E-mail:sales@hoperf.com
Command
Descriptions
as shown in Figure 20.
3.
When the device is configured as Transmission Enabled by DATA Pin Rising Edge, the default state of
the DATA is low, there is no tCD requirement, as shown in Figure 21.
TWI_OFF
Implemented by clocking in 0x8D02, 16 clock cycles in total.
It turns off the TWI circuit, and the DATA pin is able to detect the Rising/Falling edge to trigger transmission
after this command, till the TWI_RST command is issued. The command is shown as Figure 22.
SOFT_RST
Implemented by clocking in 0xBD01, 16 clock cycles in total.
It resets all the other circuits of the chip except the TWI circuit. This command will trigger internal calibration
for getting the optimal device performance. After issuing the SOFT_RST command, the host MCU should
wait 1 ms before sending in any new command. After that, the device goes to SLEEP state. The command is
shown as Figure 23.
32 clock cycles 
16 clock cycles 
 
CLK
…
…
tCD
tDD
DATA
1  
0 
 
0x8D00  
1 
 
 
Figure 20. TWI_RST Command When Transmission Enabled by DATA Pin Falling Edge
32 clock cycles 
16 clock cycles 
 
CLK  
…
…
DATA  
0 
0x8D00  
0 
 
Figure 21. TWI_RST Command When Transmission Enabled by DATA Pin Rising Edge
CLK 
DATA 
 
16 clock cycles 
 
…
0x8D02  (TWI_OFF) 
 
 
 
 
tDD
Default 
State 
 
CLK 
DATA 
16 clock cycles 
 
…
0xBD01 (SOFT_RST) 
 
 
 
 
tDD
Default 
State 
 
 
Figure 22. TWI_OFF Command
Figure 23. SOFT_RST Command
The DATA is generated by the host MCU on the rising edge of CLK, and is sampled by the device on the falling edge. The CLK
should be pulled up by the host MCU during the TRANSMISSION shown in Figure 19. The TRANSMISSION process should
refer to Figure 16 or Figure 17 for its timing requirement, depending on the “Start By” setting configured on the RFPDK.
The device will go to SLEEP state by driving the DATA low for tSTOP, or issuing SOFT_RST command. A helpful practice for the
device to go to SLEEP is to issue TWI_RST and SOFT_RST commands right after the useful data is transmitted, instead of
waiting the tSTOP, this can save power significantly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com