Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFM119SW Datasheet(PDF) 10 Page - HOPE Microelectronics CO., Ltd.

Part # RFM119SW
Description  Embedded EEPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM119SW Datasheet(HTML) 10 Page - HOPE Microelectronics CO., Ltd.

Back Button RFM119SW Datasheet HTML 6Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 7Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 10Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 11Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 12Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 13Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 14Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
RFM119W/RFM119SW
Rev 1.0 | Page 10 /19
www.hoperf.com
W
E-mail:sales@hoperf.com
when the frequency is larger than 480 MHz. See the table below for the modulation, frequency and symbol rate specifications.
Table 9. Modulation, Frequency and Symbol Rate
Parameter
Value
Unit
Modulation
(G)FSK/OOK
-
Frequency
240 to 960
MHz
Deviation
1 to 200
kHz
Frequency Resolution (FRF ≤ 480 MHz)
198
Hz
Frequency Resolution (FRF > 480 MHz)
397
Hz
Symbol Rate (FSK/GFSK)
0.5 to 100
ksps
Symbol Rate (OOK)
0.5 to 30
ksps
5.3 Embedded EEPROM and RFPDK
The RFPDK (RF Products Development Kit) is a very user-friendly software tool delivered for the user configuring the
RFM119W/RFM119SW in the most intuitional way. The user only needs to fill in/select the proper value of each parameter
and click the “Burn” button to complete the chip configuration. See the figure below for the accessing of the EEPROM and
Table 10 for the
summary of all the configurable parameters of the RFM119W/RFM119SW in the RFPDK.
RFM119W/S
RFPDK
EEPROM
Interface
CLK
DATA
HOPERF USB
Programmer
Figure 12. Accessing Embedded EEPROM
For more details of the HOPERF USB Programmer and the RFPDK, please refer to “AN103 CMT211xA-221xA One-Way RF
Link Development Kits Users Guide”. For the detail of RFM119W/RFM119SW configurations with the RFPDK, please refer to
“AN122
CMT2113/19A Configuration Guideline”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com