Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFM119SW Datasheet(PDF) 1 Page - HOPE Microelectronics CO., Ltd.

Part # RFM119SW
Description  Embedded EEPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM119SW Datasheet(HTML) 1 Page - HOPE Microelectronics CO., Ltd.

  RFM119SW Datasheet HTML 1Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 2Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 3Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 4Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 5Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 6Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 7Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
RFM119W/RFM119SW
Rev 1.0 | Page 1 /19
www.hoperf.com
W
E-mail:sales@hoperf.com
Featurs
Embedded EEPROM
Very Easy Development with RFPDK
All Features Programmable
Frequency Range: 240 to 960 MHz
FSK, GFSK and OOK Modulation
Symbol Rate:
0.5 to 100 ksps (FSK/GFSK)
0.5 to 30 ksps (OOK)
Deviation: 1.0 to 200 kHz
Two-wire Interface for Registers Accessing and
EEPROM Programming
Output Power: -10 to +13 dBm
Supply Voltage: 1.8 to 3.6 V
Sleep Current: < 20 nA
FCC/ETSI Compliant
RoHS Compliant
Module Size:17.8*12.8*5.0mm (RFM119W)
16*16*5.0mm (RFM119SW)
Descriptios
The RFM119W/RFM119SW is a high performance,
highly
flexible, low-cost, single-chip (G)FSK/OOK
transmitter for various,240 to 960 MHz wireless
applications. It is a part of the HOPERF NextGenRFTM
family, which includes a complete line of transmitters,
receivers and transceivers. The RFM119W/RFM119SW
provides the simplest way to control the data
transmission. The transmission is started when an
effective level turnover is detected on the DATA pin,
while the transmission action will stop after the DATA pin
holding level low for a defined time window, or after a
two-wire interface (TWI) command is issued. The chip
features can be configured in two different ways: setting
the configuration registers
through
the
TWI,
or
programming the embedded
RFPDK. The device operates from a supply voltage of 1.8
V to 3.6 V, consumes 27.6 mA (FSK @ 868.35 MHz)
when transmitting +10 dBm output power, and only leak
20 nA when
it
is
in
sleep
state.
The
RFM119W/RFM119SW
transmitter together with the
CMT2219A receiver enables a robust RF link.
RFM119W
RFM119SW
Applications
Low-Cost Consumer Electronics Applications
Home and Building Automation
Remote Fan Controllers
Infrared Transmitter Replacements
Industrial Monitoring and Controls
Remote Lighting Control
Wireless Alarm and Security Systems
Remote Keyless Entry (RKE)


Similar Part No. - RFM119SW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM119SW-433S1 ETC2-RFM119SW-433S1 Datasheet
763Kb / 19P
Low-Cost Consumer Electronics Applications
More results

Similar Description - RFM119SW

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T81L0010B TMT-T81L0010B Datasheet
157Kb / 19P
8-bit MCU with Embedded EEPROM
logo
Rohm
BRCA016GWZ-W ROHM-BRCA016GWZ-W_13 Datasheet
757Kb / 25P
Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BRCB008GWZ-3 ROHM-BRCB008GWZ-3 Datasheet
406Kb / 28P
Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BRCC064GWZ-3 ROHM-BRCC064GWZ-3 Datasheet
468Kb / 28P
Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BU99901GUZ-W ROHM-BU99901GUZ-W_12 Datasheet
711Kb / 26P
Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BR93H56RF-2LB ROHM-BR93H56RF-2LB Datasheet
927Kb / 28P
Serial EEPROM Series Industrial EEPROM Serial EEPROM Series Industrial EEPROM
BRCE064GWZ-3 ROHM-BRCE064GWZ-3 Datasheet
614Kb / 29P
Serial EEPROM Series Standard EEPROM WLCSP EEPROM
logo
HOPE Microelectronics C...
RFM110 HOPE-RFM110 Datasheet
682Kb / 18P
Embedded EEPROM
RFM219SW HOPE-RFM219SW Datasheet
909Kb / 35P
Embedded EEPROM
RFM210WW HOPE-RFM210WW Datasheet
524Kb / 21P
Embedded EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com