Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFM119SW Datasheet(PDF) 4 Page - HOPE Microelectronics CO., Ltd.

Part # RFM119SW
Description  Embedded EEPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM119SW Datasheet(HTML) 4 Page - HOPE Microelectronics CO., Ltd.

  RFM119SW Datasheet HTML 1Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 2Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 3Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 4Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 5Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 6Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 7Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
RFM119W/RFM119SW
Rev 1.0 | Page 4 /19
www.hoperf.com
W
E-mail:sales@hoperf.com
1.
Electrical Characteristics
VDD = 3.3 V, TOP = 25 ℃, FRF = 868.35 MHz, FSK modulation, output power is +10 dBm terminated in a matched 50 Ω
impedance, unless otherwise noted.
1.1 Recommended Operating Conditions
Table 2. Recommended Operation Conditions
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Operation Voltage Supply
VDD
1.8
3.6
V
Operation Temperature
TOP
-40
85
℃
Supply Voltage Slew Rate
1
mV/us
1.2 Absolute Maximum Ratings
Table 3. Absolute Maximum Ratings
[1]
Parameter
Symbol
Conditions
Min
Max
Unit
Supply Voltage
VDD
-0.3
3.6
V
Interface Voltage
VIN
-0.3
VDD + 0.3
V
Junction Temperature
TJ
-40
125
℃
Storage Temperature
TSTG
-50
150
℃
Soldering Temperature
TSDR
Lasts at least 30 seconds
255
℃
ESD Rating
Human Body Model (HBM)
-2
2
kV
Latch-up Current
@ 85 ℃
-100
100
mA
Note:
[1]. Stresses above those listed as “absolute maximum ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device under these conditions is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
Caution! ESD sensitive device. Precaution should be used when handling the device in order
to prevent permanent damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com