Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFM219SW Datasheet(PDF) 1 Page - HOPE Microelectronics CO., Ltd.

Part # RFM219SW
Description  Embedded EEPROM
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM219SW Datasheet(HTML) 1 Page - HOPE Microelectronics CO., Ltd.

  RFM219SW Datasheet HTML 1Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 2Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 3Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 4Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 5Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 6Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 7Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
www.hoperf.com
RFM219SW
Rev 1.0 | Pag1/35
E-mail:sales@hoperf.com
Features
Embedded EEPROM
 Very Easy Development with RFPDK
 All Features Programmable
Frequency Range: 300 to 960 MHz
FSK, GFSK and OOK Demodulation
Symbol Rate: 0.1 to 100 ksps
Sensitivity: -109 dBm @ 9.6 ksps, FSK, 868M Hz
4-wire SPI Interface
Direct, Buffer and Packet Mode Supported
Configurable Data Handler and 32-Byte FIFO
Manchester Decoding and Data De-Whitening
Supply Voltage: 1.8 to 3.6 V
Low Power Consumption: 5.7 mA
Low Sleep Current
 60 nA when Sleep Timer Off
 440 nA when Sleep Timer on
RoHS Compliant
Module Size:16*16*5.0mm
Descriptions
The RFM219SW is an ultra low power, high performance,
OOK and (G)FSK receiver
for
various
300 to 960
MHz wireless applications. It is part of the HOPERF
NextGenRF
TM family, which includes a complete line of
transmitters, receivers and transceivers. All features can
be
configured
either
by
off-line
EEPROM
programming
or
on-line
registers
writing.
The
configuration file to be written , into the registers is
generated
by
the
smart
RFPDK.
The RFM219SW
operates from a supply voltage of 1.8 V to 3.6V, when it
is always on, it consumes only 5.7 mA current while
achieving -109 dBm receiving sensitivity (FSK, 9.6 ksps
symbol rate, 868.35 MHz), and only 60 nA sleep current
for superior battery life. The device supports packet
handling,
32-byte
FIFO,
Manchester
decoding
and
data de-whitening for the received data processing.
Besides the demodulated data and the sync clock, the
device can also , send out the power-on reset, the
system clock, as well as 2 configurable interrupts for the
external device. RFM219SW receiver together with the
CMT211xA transmitter enables a powerful RF link.
Applications
Low-Cost Consumer Electronics Applications
Home and Building Automation
I
nfrared Receiver Replacements
Industrial Monitoring and Controls
Remote Automated Meter Reading
Remote Lighting Control System
Wireless Alarm and Security Systems
Remote Keyless Entry (RKE)
RFM219SW


Similar Part No. - RFM219SW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM219SW ETC2-RFM219SW Datasheet
909Kb / 35P
Wireless Alarm and Security Systems
More results

Similar Description - RFM219SW

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T81L0010B TMT-T81L0010B Datasheet
157Kb / 19P
8-bit MCU with Embedded EEPROM
logo
Rohm
BRCA016GWZ-W ROHM-BRCA016GWZ-W_13 Datasheet
757Kb / 25P
Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BRCB008GWZ-3 ROHM-BRCB008GWZ-3 Datasheet
406Kb / 28P
Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BRCC064GWZ-3 ROHM-BRCC064GWZ-3 Datasheet
468Kb / 28P
Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BU99901GUZ-W ROHM-BU99901GUZ-W_12 Datasheet
711Kb / 26P
Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BR93H56RF-2LB ROHM-BR93H56RF-2LB Datasheet
927Kb / 28P
Serial EEPROM Series Industrial EEPROM Serial EEPROM Series Industrial EEPROM
BRCE064GWZ-3 ROHM-BRCE064GWZ-3 Datasheet
614Kb / 29P
Serial EEPROM Series Standard EEPROM WLCSP EEPROM
logo
HOPE Microelectronics C...
RFM110 HOPE-RFM110 Datasheet
682Kb / 18P
Embedded EEPROM
RFM119W HOPE-RFM119W Datasheet
763Kb / 19P
Embedded EEPROM
RFM210WW HOPE-RFM210WW Datasheet
524Kb / 21P
Embedded EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com