Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFM219SW Datasheet(PDF) 20 Page - HOPE Microelectronics CO., Ltd.

Part # RFM219SW
Description  Embedded EEPROM
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM219SW Datasheet(HTML) 20 Page - HOPE Microelectronics CO., Ltd.

Back Button RFM219SW Datasheet HTML 16Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 17Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 18Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 19Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 20Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 21Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 22Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 23Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 24Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
RFM219SW
www.hoperf.com
Rev 1.0 | Page 20/35
E-mail:sales@hoperf.com
Turn on the radio (Forwards)
PUP
SLEEP
STBY
TUNE
RX
EEPROM
Turn off the radio (Backwards)
Figure 17. Device Operating State Machine
The below figure shows the switching time for a typical receive cycle, starting from the SLEEP mode. The power consumption is
also shown in the figure. They are measured when the device works in 868.35 MHz using FSK demodulation, with the Sleep
Timer turned off.
Current
5.7 mA
2.0 mA
520 uA
100 nA
SLEEP
STBY
TUNE
RX
Time
Wait for XTAL to get stable
Wait for PLL to settle
Wait for RF to settle
Receive incoming data
Time = Xtal Stabilizing Time <= 2.5 ms
Time = 300 us
Time = 20 us
Time determined by MCU, Rx Timer,
or receiving status
Send go_stby to switch to STBY
Send go_tune to switch to FS
Send go_rx to switch to RX
Can switch to any other state
Figure 18. Timing and Power from SLEEP to RX state
Power Up (PUP) State
Once the device is powered up, it will go through the Power Up (PUP) sequence which includes the task of releasing the
Power-On Reset (POR), turning on the crystal and calibrating the internal blocks. The PUP takes about 9.5 ms to finish. After that
the device is automatically switched to the SLEEP state.
SLEEP State
Most of the internal blocks are powered down including the crystal oscillator to save power. The SPI interface and control
registers are accessible. The FIFO is not accessible. The optional LPOSC and sleep timer can be turned on if the parameter of
‘Sleep Timer On-Off’ is set to ‘On’ on the RFPDK. The sleep current is less than 60 nA when the sleep timer is turned off and 440
nA when it is turned on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com