Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFM219SW Datasheet(PDF) 19 Page - HOPE Microelectronics CO., Ltd.

Part # RFM219SW
Description  Embedded EEPROM
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM219SW Datasheet(HTML) 19 Page - HOPE Microelectronics CO., Ltd.

Back Button RFM219SW Datasheet HTML 15Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 16Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 17Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 18Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 19Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 20Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 21Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 22Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 23Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
RFM219SW
www.hoperf.com
Rev 1.0 | Page 19/35
E-mail:sales@hoperf.com
5.7 Operation States, Timing and Power
5.7.1 Power-Up Sequence
The chip operation starts from a valid power-on reset. It usually takes about 0.5 ms for the valid power-on reset to release. Once
the POR is released the crystal oscillator start oscillating. The time taken for the crystal oscillator to get stable is fixed at 2.5 ms in
the first power-up. After the crystal gets stable, it takes about 6.5 ms for the chip to perform the internal blocks calibrations. The
calibrations are only performed once at the beginning of one power-on cycle.
VDD
POR
Time
POR Release
<= 0.5 ms
XTAL Stablize
= 2.5 ms
Blocks Calibrations
<= 6.5 ms
Enters the SLEEP State
Ready to Work
Figure 16. Power-Up Sequence Timing
The chip enters the SLEEP mode as soon as the calibrations are done. From this point on, the MCU can then actively switch the
chip into different operating states by writing the register bits OP_SWITCH<4:0>.
5.7.2 Operating States
There are in all 6 operating states: PUP, SLEEP, STBY, TUNE, RX and EEPROM, as shown in the below table.
Table 12. RFM219SW Operation States
State
Command
Active Blocks
Optional Blocks
PUP
soft_reset
POR, XTAL
None
SLEEP
go_sleep
SPI, POR
LFOSC, Sleep Timer
STBY
go_stby
SPI, POR, XTAL, FIFO
CLKO
TUNE
go_tune
SPI, POR, XTAL, PLL, FIFO
CLKO
RX
go_rx
All
CLKO, RX Timer
EEPROM
go_eeprom
SPI, POR, XTAL
CLKO
The 6 commands used by the MCU to switch the states are simply register-writing operation. Please see OP_CTRL and
SOFTRST register description for the details. The MCU can arbitrarily switch the states, as long as it complies with the switching
time requirement and rules. For example, the MCU can directly switch the chip from SLEEP state to RX state, while it has to wait
for the time of “Xtal Stabilizing Time + 300 us + 20 us” before taking any further actions in the RX state. While switching the states
backward, the time cost is negligible. Switching to the EEPROM state is only allowed in the SLEEP state. The soft reset will pull
the device back to the PUP state and re-perform the blocks calibrations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com