Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFM219SW Datasheet(PDF) 11 Page - HOPE Microelectronics CO., Ltd.

Part # RFM219SW
Description  Embedded EEPROM
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM219SW Datasheet(HTML) 11 Page - HOPE Microelectronics CO., Ltd.

Back Button RFM219SW Datasheet HTML 7Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 10Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 11Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 12Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 13Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 14Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 15Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
RFM219SW
www.hoperf.com
Rev 1.0 | Page 11/35
E-mail:sales@hoperf.com
high-purity VCO and a low noise fractional-N PLL with an output frequency resolution of 24.8 Hz. See the table below for the
demodulation, frequency and symbol rate information.
Table 9. Modulation, Frequency and Symbol Rate
Parameter
Value
Unit
Demodulation
OOK, FSK and GFSK
-
Frequency
300 to 960
MHz
Frequency Resolution
24.8
Hz
Symbol Rate
OOK: 0.1 to 40
ksps
(G)FSK: 0.1 to 100
ksps
5.3 Embedded EEPROM and RFPDK
The RFPDK is a PC application developed to help the user to configure the HOPERF NextGenRF
TM products in the most
intuitional way. The user only needs to connect the USB Programmer between the PC and the device, fill in/select the proper
value of each parameter on the RFPDK, and click the “Burn” button to program the configurations into the device. The
configurations of the device will then remain unchanged until the next programming. No external MCU control is required in the
application program.
The RFPDK also allows the user to save the active configuration into a list by clicking on the “List” button, so that the saved
configuration can be directly reloaded from the list in the future. Furthermore, it supports exporting the configuration into a
hexadecimal file by clicking on the “Export” button. This file can be used to burn the same configuration into a large amount of
devices during the mass production, or used as an HEX file to load into the external MCU program for on-line configuration using
registers. See the figure below for the accessing of the EEPROM.
RFM219SW
RFPDK
EEPROM
Interface
CSB
SCL
SDA
HOPERF USB
Programmer
Figure 11. Accessing Embedded EEPROM
For more details of the HOPERF USB Programmer and the RFPDK, please refer to “AN103 CMT211xA-221xA One-Way RF
Link Development Kits Users Guide”.
5.4 All Configurable Options
Besides the demodulation, frequency and symbol rate, more options can be used to customize the device. The following is a
table of all the configurable options. On the RFPDK, the Basic Mode only contains a few options allowing the user to perform
easy and fast configurations. The Advanced Mode shows all the options that allow the user to customize the device in a deeper
level. The options in “Basic Mode” are a subset of that in the “Advanced Mode”.
All the details of these parameters will be given in the document “AN138 RFM219SW Configuration Guideline”. In this datasheet,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com