Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFM219SW Datasheet(PDF) 32 Page - HOPE Microelectronics CO., Ltd.

Part # RFM219SW
Description  Embedded EEPROM
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM219SW Datasheet(HTML) 32 Page - HOPE Microelectronics CO., Ltd.

Back Button RFM219SW Datasheet HTML 27Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 28Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 29Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 30Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 31Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 32Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 33Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 34Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 35Page - HOPE Microelectronics CO., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
RFM219SW
www.hoperf.com
Rev 1.0 | Page 32/35
E-mail:sales@hoperf.com
Table 25. OP_CTRL
Register
Bit
RW
Bit Name
Descriptions
This allows the user to read out the chip operating state.
OP_CTRL
(0x47)
7:5
r
OP_STATUS<4:0>
4:0
r/w
OP_SWITCH<4:0>
000: PUP state.
001: SLEEP state (Default).
010: STBY state.
011: TUNE state.
100: RX state.
101: EEPROM state.
Normally after the POR and power-up sequence, the chip stays in the
SLEEP state. If the POR is failed, the chip stays in the PUP state. The
user is not able to switch to chip to the PUP state in normal operation.
This allows the user to switch the chip operating states.
00001: go_eeprom command, switch to EEPROM state.
10000: go_sleep command, switch to SLEEP state.
00010: go_stby command, switch to STBY state.
00100: go_tune command, switch to TUNE state.
01000: go_rx command, switch to RX state.
Setting this register to any values other than the following 5 values will
not take any effect.
Table 26. SOFTRST
Register
Bit
RW
Bit Name
Descriptions
Writing 0xFF into this register will generate a soft_reset command to the
device. Setting this register to any values other than 0xFF will not take
SOFTRST
(0x4F)
0x3F
w
SOFT_RST<7:0>
any effect. The soft reset has the same effect of POR. After the soft
reset, the chip will go through the power-up sequence and then enter the
SLEEP Mode. After soft resetting the chip, the MCU shall wait 10 ms
before performing any other controls to the chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com