Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFM219SW Datasheet(PDF) 16 Page - HOPE Microelectronics CO., Ltd.

Part # RFM219SW
Description  Embedded EEPROM
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM219SW Datasheet(HTML) 16 Page - HOPE Microelectronics CO., Ltd.

Back Button RFM219SW Datasheet HTML 12Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 13Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 14Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 15Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 16Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 17Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 18Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 19Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 20Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
RFM219SW
www.hoperf.com
Rev 1.0 | Page 16/35
E-mail:sales@hoperf.com
5.5.6 Frequency Synthesizer
A fractional-N frequency synthesizer is used to generate the LO frequency for the down conversion I/Q mixer. The frequency
synthesizer is fully integrated except the VCO tank inductor which enables the ultra low-power receiver system design. Using the
26 MHz reference clock provided by the crystal oscillator or the external clock source, it can generate any receive frequency
between 300 to 960 MHz with a frequency resolution of 24.8 Hz.
The VCO always operates at 2x of LO frequency. A high Q (at VCO frequency) tank inductor should be chosen to ensure the
VCO oscillates at any conditions meanwhile burns less power and gets better phase noise performance. In addition, properly
layout the inductor matters a lot of achieving a good phase noise performance and less spurious emission. The recommended
VCO inductors for different LO frequency bands are shown as bellow.
Table 11. VCO Inductor for Common Used Frequency Bands
LO Frequency Band (MHz)
315
433.92
868.35
915
VCO Inductor (nH)
33
22
3.9
3.9
Multiple subsystem calibrations are performed dynamically to ensure the frequency synthesizer operates reliably in any working
conditions.
5.5.7 LPOSC
An internal 1 kHz low power oscillator is integrated in the RFM219SW. It generates a clock to drive the sleep timer to
periodically wake the device up from sleep state. The Sleep Time can be configured from 3 to 134,152,192 ms (more than 37
hours) when the device works in duty-cycle receive mode. Since the frequency of the LPOSC drifts when the temperature and
supply voltage change, it is automatically calibrated during the PUP state, and is periodically calibrated since then. The
calibration scheme allows the LPOSC to maintain its frequency tolerance to less than ±1%.
5.5.8 OOK Demodulation
The OOK demodulation is done by comparing the RSSI to a demodulation threshold. The threshold is an 8-bit binary value that is
comparable to the 8-bit digitized RSSI. There are two methods of OOK demodulation supported: Fixed TH and Peak TH. The
symbol rate range for the OOK demodulation is from 0.1 to 40 ksps. More details of the OOK demodulation can be found in the
document “AN138 RFM219SW Configuration Guideline”.
5.5.9 (G)FSK Demodulation
High-performance (G)FSK demodulation is supported. The symbol rate range for the (G)FSK demodulation is from 0.1 to 100
ksps. The device supports a wide range of deviations. The deviation is the maximum instantaneous difference between the
modulated frequency and the nominal carrier frequency Fo.
Deviation
Deviation
F-low = Fo - FDEV
Fo
F-high = Fo + FDEV
Figure 12. (G)FSK Deviation
A proper selection of the deviation is regarding to the modulation index and the frequency error between the TX and the RX. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com