Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFM219SW Datasheet(PDF) 8 Page - HOPE Microelectronics CO., Ltd.

Part # RFM219SW
Description  Embedded EEPROM
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM219SW Datasheet(HTML) 8 Page - HOPE Microelectronics CO., Ltd.

Back Button RFM219SW Datasheet HTML 4Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 5Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 6Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 7Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 10Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 11Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 12Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
RFM219SW
www.hoperf.com
Rev 1.0 | Page 8/35
E-mail:sales@hoperf.com
868.35 MHz
433.92 MHz
3. Typical Performance Characteristics
6.00
Current vs. Supply Voltage
6.60
Current vs. Temperature
5.50
6.20
5.00
4.50
4.00
3.50
3.00
5.80
5.40
5.00
4.60
4.20
868.35MHz/3.6V
868.35MHz/3.3V
868.35MHz/1.8V
433.92MHz/3.6V
433.92MHz/3.3V
433.92MHz/1.8V
2.50
3.80
2.00
1.60
1.85
2.10
2.35
2.60
2.85
3.10
3.35
3.60
3.85
Supply Voltage (V)
3.40
-50
-30
-10
10
30
50
70
90
Temperature (℃)
Figure 3. Current vs. Voltage, FRF = 433.92 /
868.35 MHz, OOK, SR = 1 ksps
Figure 4. Current vs. Temperature, FRF =
433.92 / 868.35 MHz, FSK, SR = 1 ksps
-107.0
Sensitivity vs. Supply Voltage
-108
Sensitivity vs. Temperature
-108.0
-109
-109.0
-110.0
-111.0
868.35 MHz
433.92 MHz
-110
-111
-112.0
-113.0
-114.0
-112
-113
868.35 MHz
433.92 MHz
-115.0
1.6
1.9
2.2
2.5
2.8
3.1
3.4
3.7
4
Supply Voltage (V)
-114
-50
-30
-10
10
30
50
70
90
Temperature (℃)
Figure 5. Sensitivity vs. Supply Voltage, SR
= 1 ksps, OOK, BER = 0.1%
Figure 6. Sensitivity vs. Temperature, FRF = 433.92 /
868.35 MHz, FSK, VDD = 3.3 V, SR = 1 ksps, BER = 0.1%
-90
Sensitivity vs. Symbol Rate
-108
Sensitivity vs. BER
-95
-109
-100
-105
-110
868.35 MHz
433.92 MHz
-110
-111
-112
-113
-115
-120
0
5
10
15
20
25
30
35
40
-114
-115
868.35 MHz
433.92 MHz
Symbol Rate (ksps)
0.01%
0.10%
1.00%
10.00%
Bit Error Rate
Figure 7. Sensitivity vs. SR, FRF = 433.92 /
868.35 MHz, OOK, VDD = 3.3 V, BER = 0.1%
Figure 8. Sensitivity vs. BER, FRF = 433.92 /
868.35 MHz, VDD = 3.3 V, SR = 1 ksps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com