Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFM219SW Datasheet(PDF) 29 Page - HOPE Microelectronics CO., Ltd.

Part # RFM219SW
Description  Embedded EEPROM
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM219SW Datasheet(HTML) 29 Page - HOPE Microelectronics CO., Ltd.

Back Button RFM219SW Datasheet HTML 25Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 26Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 27Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 28Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 29Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 30Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 31Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 32Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 33Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
RFM219SW
www.hoperf.com
Rev 1.0 | Page 29/35
E-mail:sales@hoperf.com
The details of each interrupt are introduced in the registers INTCTL_B,
INTCTL_C and INTCTL_D.
The FIFO_WBYTE is the FIFO write-byte strobe that pulses up when
each byte is filled into the FIFO. Because it is a pulse, It cannot be seen
in the INTCTL_C register which reflects the interrupt flags.
3:0
r/w
INT1_CTL<3:0>
This allows the user to select which interrupt is observable on the INT1.
The interrupt mapping is identical to that of the INT2.
Table 20. INTCTL_B
Register
Bit
RW
Bit Name
Descriptions
0: Keep the sleep timer timeout interrupt (default).
INTCTL_B
[1]
(0x42)
Note:
7
w
SL_TMO_CLR
6
w
RX_TMO_CLR
5
w
RSSI_VLD_CLR
4
w
PREAM_PS_CLR
3
w
SYNC_PS_CLR
2
w
NODE_PS_CLR
1
w
CRC_PS_CLR
0
w
PKT_DONE_CLR
1: Clear the sleep timer timeout interrupt.
0: Keep the receive timer timeout interrupt (default).
1: Clear the receive timer timeout interrupt.
0: Keep the RSSI valid interrupt (default).
1: Clear the RSSI valid interrupt.
0: Keep the preamble detection pass interrupt (default).
1: Clear the preamble detection pass interrupt.
0: Keep the sync word detection pass interrupt (default).
1: Clear the sync word detection pass interrupt.
0: Keep the node ID detection pass interrupt (default).
1: Clear the node ID detection pass interrupt.
0: Keep the CRC validation pass interrupt (default).
1: Clear the CRC validation pass interrupt.
0: Keep the packet receive finish interrupt (default).
1: Clear the packet receive finish interrupt.
[1]. Every bit in this register only takes effect in STBY, TUNE, RX and EEPROM state.
Table 21. INTCTL_C
Register
Bit
RW
Bit Name
Descriptions
INTCTL_C
(0x43)
7
r
SL_TMO_FLG
This interrupt is generated when the sleep timer is turned on and the
SL_TMO_EN is set to 1. The flag goes high at the sleep timer timeout. It
can be cleared by setting the SL_TMO_CLR to 1.
6
r
RX_TMO_FLG
This interrupt is generated when the receive timer is turned on and the
RX_TMO_EN is set to 1. The flag goes high at the receive timer timeout.
It can be cleared by setting the RX_TMO_CLR to 1.
5
r
RSSI_VLD_FLG
This interrupt is generated when (G)FSK demodulation is used and the
RSSI_VLD_EN is set to 1. The flag goes high when the RSSI exceeds
the FSK Trigger Threshold. It can be cleared by setting the
RSSI_VLD_CLR to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com