Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFM219SW Datasheet(PDF) 5 Page - HOPE Microelectronics CO., Ltd.

Part # RFM219SW
Description  Embedded EEPROM
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM219SW Datasheet(HTML) 5 Page - HOPE Microelectronics CO., Ltd.

  RFM219SW Datasheet HTML 1Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 2Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 3Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 4Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 5Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 6Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 7Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
RFM219SW
www.hoperf.com
Rev 1.0 | Page 5/35
E-mail:sales@hoperf.com
1.3 Receiver Specifications
Table 4. Receiver Specifications
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Frequency Range
FRF
300
960
MHz
Symbol Rate
SR
OOK demodulation
0.1
40
ksps
(G)FSK demodulation
0.1
100
ksps
Deviation
FDEV
(G)FSK
1
200
kHz
Bandwidth-Time Product
BT
-
0.5
-
-
OOK Sensitivity
S315-OOK
315 MHz, SR = 1 ksps
-114
dBm
S433.92-OOK
433.92 MHz, SR = 1 ksps
-113
dBm
S868.35-OOK
868.35 MHz, SR = 1 ksps
-110
dBm
S915-OOK
915 MHz, SR = 1 ksps
-109
dBm
(G) FSK Sensitivity
S315-FSK
315 MHz, SR = 9.6 ksps, FDEV = 19.2 kHz
-112
dBm
S433.92-FSK
433.92 MHz, SR = 9.6 ksps, FDEV = 19.2 kHz
-111
dBm
S868.35-FSK
868.35 MHz, SR = 9.6 ksps, FDEV = 19.2 kHz
-109
dBm
S915-FSK
915 MHz, SR = 9.6 ksps, FDEV = 19.2 kHz
-109
dBm
Saturation Input Signal
Level
PLVL
10
dBm
OOK Working Current
IDD-OOK
315 MHz, OOK
3.5
mA
433.92 MHz, OOK
3.8
mA
868.35 MHz, OOK
5.2
mA
915 MHz, OOK
5.4
mA
FSK Working Current
IDD-FSK
315 MHz, FSK
4.0
mA
433.92 MHz, FSK
4.3
mA
868.35 MHz, FSK
5.7
mA
915 MHz, FSK
5.9
mA
Sleep Current
ISLEEP
When sleep timer is turned on
440
nA
When sleep timer is turned off
60
nA
Frequency Resolution
FRES
24.8
Hz
Frequency Synthesizer
Settle Time
TLOCK
From XOSC settled
150
us
Blocking Immunity
BI
SR = 1 ksps, ±1 MHz offset, CW interference
52
dB
SR = 1 ksps, ±2 MHz offset, CW interference
74
dB
SR = 1 ksps, ±10 MHz offset, CW
interference
75
dB
Image Rejection Ratio
IMR
IF = 280 kHz
35
dB
Input 3
rd Order Intercept
Point
IIP3
Two tone test at 1 MHz and 2 MHz offset
frequency. Maximum system gain settings
-25
dBm
Receiver Bandwidth
BW
50
500
kHz
Receiver Start-up Time
TSTART-UP
From power up to receive, in Always Receive
Mode
7.3
ms
Receiver Wake-up Time
TWAKE-UP
From sleep to receive, in Duty-Cycle Receive
Mode
0.61
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com