Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFM219SW Datasheet(PDF) 24 Page - HOPE Microelectronics CO., Ltd.

Part # RFM219SW
Description  Embedded EEPROM
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM219SW Datasheet(HTML) 24 Page - HOPE Microelectronics CO., Ltd.

Back Button RFM219SW Datasheet HTML 20Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 21Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 22Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 23Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 24Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 25Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 26Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 27Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 28Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
RFM219SW
www.hoperf.com
Rev 1.0 | Page 24/35
E-mail:sales@hoperf.com
User Registers
In the figure above, the raw data is the output of the demodulator. When the SNR of the incoming signal is very low, glitches
possibly exist on the raw data. The device will remove those glitches by internally sampling the raw data using the recovered
clock. The clean data is output to the DOUT. The sync clock is delayed by half cycle and output to the DCLK. The rising edge of
the output sync clock is centered on the output data. If the sync clock is turned off, the raw data will be directly output to the
DOUT.
The sync clock generator produces the clock according to the symbol rate configured on the RFPDK. It can tolerate a certain
amount of symbol rates offset existing between the real incoming signal and the symbol rate input on the RFPDK.. For more
details of the symbol rate offset tolerance, please refers to the “AN138 RFM219SW Configuration Guideline”.
5.9.2 Buffer Mode
In buffer mode, the data from the demodulator’s output are shifted into the 32 x 8-bit parallel FIFO after a valid sync word is
detected. The MCU can use the SPI to read the FIFO. The FIFO will retain its content and be readable in the STBY, TUNE and
RX state. The MCU can use the FIFO interrupts to assist to the FIFO reading. The optional preamble detection is supported.
EEPROM (Optional)
RF
DEMOD
clock
1
data
1
Preamble
(Optional)
Sync
(Must)
data
8
32 x 8-bit
FIFO
SPI
FCSB
CSB
SCL
SDA
User Registers
INT1
INT2
Figure 22. Data Path of Buffer Mode
Because the chip does all the data buffering work, the MCU can spend time on the other tasks during the buffering process. Also,
it reduces the MCU’s performance requirement in terms of speed and reactivity. The data receiving is independent of the
preamble detection, while the sync word detection is compulsory in the buffer mode.
5.9.3 Packet Mode
In packet mode, the data from the demodulator’s output are first shifted into the packet handler to get decoded, and then filled
into the 32 x 8-bit parallel FIFO.
EEPROM (Optional)
clock
RF
1
Packet
DEMOD
data
32 x 8-bit
SPI
FCSB
CSB
data
1
Handler
8
FIFO
SCL
SDA
INT1
INT2
Figure 23. Data Path of Packet Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com