Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFM219SW Datasheet(PDF) 30 Page - HOPE Microelectronics CO., Ltd.

Part # RFM219SW
Description  Embedded EEPROM
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM219SW Datasheet(HTML) 30 Page - HOPE Microelectronics CO., Ltd.

Back Button RFM219SW Datasheet HTML 26Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 27Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 28Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 29Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 30Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 31Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 32Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 33Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 34Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
RFM219SW
www.hoperf.com
Rev 1.0 | Page 30/35
E-mail:sales@hoperf.com
4
r
PREAM_PS_FLG
This interrupt is generated when the preamble validation is passed and
the PREAM_PS_EN is set to 1. It can be cleared by setting the
PREAM_PS_CLR to 1.
3
r
SYNC_PS_FLG
This interrupt is generated when the sync word validation is passed and
the SYNC_PS_EN is set to 1. It can be cleared by setting the
SYNC_PS_CLR to 1.
2
r
NODE_PS_FLG
This interrupt is generated when the node ID validation is passed in the
packet mode and the NODE_PS_EN is set to 1. It can be cleared by
setting the NODE_PS_CLR to 1.
1
r
CRC_PS_FLG
This interrupt is generated when the CRC validation is passed in the
packet mode and the CRC_PS_EN is set to 1. It can be cleared by
setting the CRC_PS_CLR to 1.
0
r
PKT_DONE_FLG
This interrupt is generated when a packet is received (regardless of the
CRC validation) in the packet mode and the PKT_DONE_EN is set to 1.
It can be cleared by setting the PKT_DONE_CLR to 1.
Table 22. INTCTL_D
Register
Bit
RW
Bit Name
Descriptions
7
r
RESV
This bit is reserved.
This interrupt is generated in the FIFO Mode and Packet Mode. The flag
INTCTL_D
(0x44)
6
r
FIFO_FULL_FLG
5
r
FIFO_NMTY_FLG
4
r
FIFO_TH_FLG
3
r
FIFO_OVF_FLG
2
w
FIFO_PKT_CLR
goes high when the FIFO is full. It is cleared automatically when the
FIFO is not full.
This interrupt is generated in the FIFO Mode and Packet Mode. The flag
goes high when the FIFO is found to be not empty (the number of
unread data byte is not zero). It is cleared automatically when the FIFO
is empty.
This interrupt is generated in the FIFO Mode and Packet Mode. The flag
goes high when the number of unread data bytes reaches/exceeds the
value defined in the “FIFO Threshold” parameter. It is cleared
automatically when the number of unread data bytes is less than the
“FIFO Threshold”.
This interrupt is generated in the FIFO Mode and Packet Mode. The flag
goes high when the FIFO is overflow. It is cleared automatically when
the FIFO is not overflow.
0: Keep the FIFO content (default).
1: Clear the FIFO content.
Note: This bit only takes effect in the STBY, TUNE, RX and EEPROM
state. In the SLEEP state, the FIFO and packet handler is automatically
cleared and reset.
1
r/w
RESV
Must always set to 0.
0
r/w
RESV
Must always set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com