Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFM219SW Datasheet(PDF) 12 Page - HOPE Microelectronics CO., Ltd.

Part # RFM219SW
Description  Embedded EEPROM
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM219SW Datasheet(HTML) 12 Page - HOPE Microelectronics CO., Ltd.

Back Button RFM219SW Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 10Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 11Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 12Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 13Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 14Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 15Page - HOPE Microelectronics CO., Ltd. RFM219SW Datasheet HTML 16Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
RFM219SW
www.hoperf.com
Rev 1.0 | Page 12/35
E-mail:sales@hoperf.com
only main features are introduced. Remember that there are two methods to load all these parameters into the device:
Off-line Configuration
Use the RFPDK to directly burn (program) them into the embedded EEPROM of the device. The configuration retains until the
next programming. This is called the off-line configuration.
On-line Configuration
Use the RFPDK to export a HEX file of these parameters, load the content of the HEX file into the external MCU program then
writes the content into the Configuration Bank of the User Registers (See Chapter 5.11) at the beginning of the applications. The
configuration retains until the power down of the device. This is called the on-line configuration.
Either of these method works. To save the external MCU’s effort, method 1 can be used. To save the EEPROM programming
step in the manufacturing stage, method 2 can be used. The table below shows all the configurable parameters.
Table 10. Configurable Parameters on RFPDK
Category
Parameters
Descriptions
Default
Mode
RF
Settings
Frequency
The receive radio frequency, the range is from 300 to 960
MHz, with resolution of 0.01 MHz.
868.35 MHz
Basic
Advanced
Demodulation
The demodulation type, the options are: OOK or (G)FSK
demodulation.
(G)FSK
Basic
Advanced
Symbol Rate
The receiver symbol rate, the range is from 0.1 to 40 ksps
for OOK and from 0.1 to 100.0 ksps for (G)FSK, with
resolution of 0.1 ksps.
2.4 ksps
Basic
Advanced
Squelch TH
The threshold of the squelch circuit to suppress the noise,
the range is from 0 to 255.
0
Basic
Advanced
Xtal Tol. | Rx BW
The sum of the crystal frequency tolerance of the Tx and
the Rx, the range is from 0 to ±300 ppm. And the
calculated BW is configured and displayed.
±10 ppm |
100 kHz
Basic
Advanced
Xtal Stabilizing
Time
Time for the device to wait for the crystal to get settled
after power up. The options are: 78, 155, 310, 620, 1240
or 2480 us.
310 us
Basic
Advanced
Operation
Settings
Operation Mode
This determines that the chip works in Active mode by
using off-line configuration or works in Passive mode by
using on-line configuration.
Passive
Basic
Advanced
Sleep Timer
This turns on/off the sleep timer.
Off
Basic
Advanced
Sleep Time
The sleep time has the range from 3 to 134,152,192 ms.
It is only available when Active mode is selected or Sleep
Timer is on in Passive mode.
10 ms
Basic
Advanced
Rx Timer
This turns on/off the receive timer.
Off
Basic
Advanced
Rx Time
The receive time has the range from 0.04 to 2,683,043.00
ms. It is only available when Active mode is selected or
Rx Timer is on in Passive mode.
1 ms
Basic
Advanced
Rx Time Ext
The extended receive time has the range from 0.04 to
2,683,043.00 ms. It is only available when Wake-On
Radio is turned on and the Rx Timer is turned on.
200.00 ms
Advanced
Rx Early-Exit
Turn on/off the Rx early exit function, the options are: on
or off.
Off
Advanced



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com