Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP5602 Datasheet(PDF) 4 Page - Billiton Ltd.

Part # TP5602
Description  LIthIum-battery lIthIum-synchronous type 3 A lithium battery charge
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIC [Billiton Ltd.]
Direct Link  http://www.tp-asic.com/
Logo ASIC - Billiton Ltd.

TP5602 Datasheet(HTML) 4 Page - Billiton Ltd.

  TP5602 Datasheet HTML 1Page - Billiton Ltd. TP5602 Datasheet HTML 2Page - Billiton Ltd. TP5602 Datasheet HTML 3Page - Billiton Ltd. TP5602 Datasheet HTML 4Page - Billiton Ltd. TP5602 Datasheet HTML 5Page - Billiton Ltd. TP5602 Datasheet HTML 6Page - Billiton Ltd. TP5602 Datasheet HTML 7Page - Billiton Ltd. TP5602 Datasheet HTML 8Page - Billiton Ltd. TP5602 Datasheet HTML 9Page - Billiton Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
南京拓微集成电路有限公司
NanJing Top Power ASIC Corp.
4
REV_2.1
典型应用电路
dn~_up
auto_up
Key~
Lx
EXT
GND_P
VS
VBAT
V_Ilmt
VIN
C1
C6
C7
C8
C14
C15
VOUT
GND
C12
C13
Rsb=8.2mΩ
TP5602
0.1uF
0.1uF
22uF
22uF
0.1uF
D+
D-
VREG
Vint1
Vint2
C5
C4
C3 1uF
1uF
0.1uF
22uF
R1
5K
C2=1uF
1uF
0.1uF
RA1
RA2
RB1
RB2
NMOS/8205A
PMOS
KEY2
升压按键
C9
22uF*2
C10
22uF*2
R7=1M
R8=51K
L=1~2.2uH
10nF+3.3Ω
M1
M2
8
6
20
13
19
17
16
14
15
22
21
4、
23、24
2、3、5
GND_A
注:图中红色参数的
电容布板时尽量靠近
IC引脚
C16=1uF
图 1 TP5602 为 4.2V 锂离子电池 3A 充电、5V3A 升压应用示意图
封装/订购信息
NC
VIO
VIO
LX
VIO
Vint1
GND_A
up~
Vlimt
VS
Vbat
auto_up
1
2
3
4
5
6
18
17
16
15
14
13
24 引脚 4mm*4mmQFN24 封装顶视图
(散热片接地不可接其他电位)
订单型号
TP5602-QFN24/
TP5602B-QFN24
器件标记
TP5602/ TP5602B
实物图片



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com