Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP5602 Datasheet(PDF) 8 Page - Billiton Ltd.

Part # TP5602
Description  LIthIum-battery lIthIum-synchronous type 3 A lithium battery charge
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIC [Billiton Ltd.]
Direct Link  http://www.tp-asic.com/
Logo ASIC - Billiton Ltd.

TP5602 Datasheet(HTML) 8 Page - Billiton Ltd.

Back Button TP5602 Datasheet HTML 4Page - Billiton Ltd. TP5602 Datasheet HTML 5Page - Billiton Ltd. TP5602 Datasheet HTML 6Page - Billiton Ltd. TP5602 Datasheet HTML 7Page - Billiton Ltd. TP5602 Datasheet HTML 8Page - Billiton Ltd. TP5602 Datasheet HTML 9Page - Billiton Ltd. TP5602 Datasheet HTML 10Page - Billiton Ltd. TP5602 Datasheet HTML 11Page - Billiton Ltd. TP5602 Datasheet HTML 12Page - Billiton Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
南京拓微集成电路有限公司
NanJing Top Power ASIC Corp.
8
REV_2.1
典型性能指标(锂电池充电模式)
4
4.05
4.1
4.15
4.2
4.25
0
20
40
60
80
100
120
140
160
TEMPERATURE(℃)
VBAT与温度曲线
4
4.05
4.1
4.15
4.2
4.25
4
4.5
5
5.5
6
6.5
VIN (V)
VBAT与VIN曲线
截止电压与环境温度关系
截止电压与电源电压关系
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
4
4.5
5
5.5
6
6.5
VIN(V)
Ibat与Vin曲线
充电电流与电源电压关系
典型性能指标(升压模式)
0
1
2
3
4
5
6
7
8
3
3.2
3.4
3.6
3.8
4
4.2
4.4
4.6
VBAT (V)
待机电流与VBAT曲线
4.5
4.6
4.7
4.8
4.9
5
5.1
0
20
40
60
80
100
120
140
160
温度 (℃)
VOUT与温度关系
待机电流与电池电压的关系
VOUT与环境温度的关系
4
4.2
4.4
4.6
4.8
5
5.2
3
3.2
3.4
3.6
3.8
4
4.2
4.4
VBAT (V)
VOUT与VBAT曲线
VOUT与电池电压的关系



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com