Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A19530LUCX-TN-RDMOOEG-A Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A19530LUCX-TN-RDMOOEG-A
Description  High Feature Three-Wire Hall-Effect Transmission Speed and Direction Sensor IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A19530LUCX-TN-RDMOOEG-A Datasheet(HTML) 3 Page - Allegro MicroSystems

  A19530LUCX-TN-RDMOOEG-A Datasheet HTML 1Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 2Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 3Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 4Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 5Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 6Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 7Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 8Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
High Feature Three-Wire Hall-Effect
Transmission Speed and Direction Sensor IC
A19530
3
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
ABSOLUTE MAXIMUM RATINGS
Characteristic
Symbol
Notes
Rating
Unit
Supply Voltage
VCC
Refer to power Derating Section
27
V
Reverse Supply Voltage
VRCC
–18
V
Reverse Supply Current
IRCC
50
mA
Reverse Output Voltage
VROUT
–0.5
V
Output Sink Current
IOUT
Open/Short detection disabled
25
mA
Operating Ambient Temperature
TA
–40 to 150
°C
Maximum Junction Temperature
TJ(MAX)
165
°C
Storage Temperature
Tstg
–65 to 170
°C
Pinout Diagram
Terminal List
Number
Name
Function
1
VCC
Supply voltage
2
GND
Ground
3
OUT
Open drain output
Symbol
Characteristic
Rating
Unit
C1 (CSUPPLY)
Nominal Capacitance
220
nF
C2 (COUT)
Nominal Capacitance
4.7
nF
INTERNAL DISCRETE COMPONENT RATINGS
V
S
V
PU
R
PU
1
VCC
3
OUT
2 GND
C2
C1
A19530
Sensor
Output
R
S
*For EMC enhancement
50
*
R
OUT*
50
Figure 2: Typical Application Circuit
2
Ejector pin
mark on
far side
3
C1
C2
1
Note: For -xxxxxEx- option (Open/Short detection Enabled),
pull-up resistor value as noted in Operational Characteristics
Table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com