Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A19530LUCX-TN-RDMOOEG-A Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A19530LUCX-TN-RDMOOEG-A
Description  High Feature Three-Wire Hall-Effect Transmission Speed and Direction Sensor IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A19530LUCX-TN-RDMOOEG-A Datasheet(HTML) 1 Page - Allegro MicroSystems

  A19530LUCX-TN-RDMOOEG-A Datasheet HTML 1Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 2Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 3Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 4Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 5Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 6Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 7Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 8Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TheA19530 is an optimized Hall-effect integrated circuit (IC)
thatprovidesauser-friendlysolutionfordirectiondetectionand
truezero-speeddigitalmagneticwheelorgeartoothsensing.The
small package can be easily assembled and used in conjunction
with a wide variety of magnetic wheels or back-biased with a
magnet for gear tooth sensing applications.
The IC employs patented algorithms for the special operational
requirements of automotive transmission applications. The
speed and direction of the target are communicated through a
variablepulse-widthoutputprotocol.TheA19530highvibration
immunityoptionpreventsdirectionpulsesfromoccurringunder
angularvibrationwithoutsacrificingmaximumairgapcapability,
whereasthenovibrationimmunityoptionallowsforcontinuous
directionpulseemissionundervibration.Theadvancedvibration
detection algorithm will systematically calibrate the sensor IC
on the initial teeth of true target rotation and not on vibration,
always providing an accurate signal in running mode.
More classic output options such as speed only protocol,
representing target profile or fast direction change recognition
with reduced vibration immunity also complete the
programming panel of the A19530.
Advanced signal processing, innovative algorithms, short/
open detection capability, and ASIL B compliant design make
the A19530 an ideal solution for a wide range of speed and
direction sensing needs with diagnostic requirements.
This device is available in a lead (Pb) free 3-pin SIP package
with tin-plated leadframe.
A19530-DS
MCO-0000493
• Integrated diagnostics and certified safety design process
for ASIL B compliance
• Three-wire output pulse-width protocol supporting speed,
direction, and ASIL
• Advanced algorithms supporting vibration detection and
sudden air gap changes
• Ring magnet and ferrous target sensing
• Air gap independent switch points
• True zero-speed operation
• Integrated EMC capacitor in a single overmolded
miniature package
• Robust test coverage capability with Scan Path and
IDDQ measurement
High Feature Three-Wire Hall-Effect
Transmission Speed and Direction Sensor IC
Figure 1: Functional Block Diagram
A19530
FEATURES AND BENEFITS
DESCRIPTION
September 13, 2018
2
-
Not to scale
PACKAGE:
3-pin SIP (suffix UC)
SYNCHRONOUS
DIGITAL CONTROLLER
Hall Amp
AGC
ADC
OFFSET
ADJUST
REGULATOR
(Analog)
VCC
GND
REGULATOR
(Digital)
Hall Amp
AGC
ADC
OFFSET
ADJUST
FILTER
FILTER
OUTPUT
CONTROL
OUT


Similar Part No. - A19530LUCX-TN-RDMOOEG-A

ManufacturerPart #DatasheetDescription
logo
Rohm
A1952 ROHM-A1952 Datasheet
164Kb / 3P
High-speed Switching Transistor (-60V, -5A)
logo
Allegro MicroSystems
A19520 ALLEGRO-A19520 Datasheet
883Kb / 15P
Vibration-Tolerant Hall-Effect Transmission Speed and Direction Sensor IC
A19520LUBBTN-FSIHBOKE-A ALLEGRO-A19520LUBBTN-FSIHBOKE-A Datasheet
883Kb / 15P
Vibration-Tolerant Hall-Effect Transmission Speed and Direction Sensor IC
A19520LUBBTN-FSIHBOKG-A ALLEGRO-A19520LUBBTN-FSIHBOKG-A Datasheet
883Kb / 15P
Vibration-Tolerant Hall-Effect Transmission Speed and Direction Sensor IC
A19520LUBBTN-FSIHBOUE-A ALLEGRO-A19520LUBBTN-FSIHBOUE-A Datasheet
883Kb / 15P
Vibration-Tolerant Hall-Effect Transmission Speed and Direction Sensor IC
More results

Similar Description - A19530LUCX-TN-RDMOOEG-A

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1233 ALLEGRO-A1233 Datasheet
738Kb / 12P
Dual-Channel Hall-Effect Direction Detection Sensor IC
A3422 ALLEGRO-A3422 Datasheet
1Mb / 11P
Hall Effect Direction Detection Sensor IC
A1693 ALLEGRO-A1693 Datasheet
815Kb / 15P
Vibration-Tolerant Hall-Effect Transmission Speed and Direction Sensor IC
A19520 ALLEGRO-A19520 Datasheet
883Kb / 15P
Vibration-Tolerant Hall-Effect Transmission Speed and Direction Sensor IC
APS12625 ALLEGRO-APS12625 Datasheet
2Mb / 44P
2D Hall-Effect Speed and Direction Sensor ICs
ATS19520 ALLEGRO-ATS19520 Datasheet
915Kb / 13P
Vibration-Tolerant Hall-Effect Transmission Speed and Direction Gear Tooth Sensor IC
A19420 ALLEGRO-A19420 Datasheet
920Kb / 11P
High-Accuracy Hall-Effect Transmission Speed Sensor IC
A19571 ALLEGRO-A19571 Datasheet
2Mb / 17P
GMR Transmission Speed and Direction Sensor IC
ATS19420 ALLEGRO-ATS19420 Datasheet
859Kb / 12P
High-Accuracy Hall-Effect Transmission Speed Gear Tooth Sensor IC
October 31, 2019
A19303 ALLEGRO-A19303 Datasheet
1Mb / 16P
Vibration-Tolerant High-Accuracy Hall-Effect Wheel Speed and Direction Sensor IC
March 9, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com