Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A19530LUCX-TN-RDMOOEG-A Datasheet(PDF) 16 Page - Allegro MicroSystems

Part # A19530LUCX-TN-RDMOOEG-A
Description  High Feature Three-Wire Hall-Effect Transmission Speed and Direction Sensor IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A19530LUCX-TN-RDMOOEG-A Datasheet(HTML) 16 Page - Allegro MicroSystems

Back Button A19530LUCX-TN-RDMOOEG-A Datasheet HTML 10Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 11Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 12Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 13Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 14Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 15Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 16Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 17Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 18Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
High Feature Three-Wire Hall-Effect
Transmission Speed and Direction Sensor IC
A19530
16
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
POWER DERATING
The device must be operated below the maximum junction tem-
perature of the device, TJ(max). Under certain combinations of
peak conditions, reliable operation may require derating supplied
power or improving the heat dissipation properties of the appli-
cation. This section presents a procedure for correlating factors
affecting operating TJ. (Thermal data is also available on the
Allegro MicroSystems website.)
The Package Thermal Resistance, RθJA, is a figure of merit sum-
marizing the ability of the application and the device to dissipate
heat from the junction (die), through all paths to the ambient air.
Its primary component is the Effective Thermal Conductivity,
K, of the printed circuit board, including adjacent devices and
traces. Radiation from the die through the device case, RθJC, is
a relatively small component of RθJA. Ambient air temperature,
TA, and air motion are significant external factors, damped by
overmolding.
The effect of varying power levels (Power Dissipation, PD), can
be estimated. The following formulas represent the fundamental
relationships used to estimate TJ, at PD.
PD = VIN
× IIN
(1)
Δ
T = PD
× RθJA
(2)
TJ = TA + ΔT
(3)
For example, given common conditions such as: TA= 25°C, VCC
= 12 V, ICC = 8 mA, and RθJA = 270°C/W, then:
PD = VCC
× ICC = 12 V × 8 mA = 96 mW
Δ
T = PD
× RθJA = 96 mW × 270°C/W = 25.9°C
TJ = TA + ΔT = 25°C + 25.9°C = 50.9°C
A worst-case estimate, PD(max), represents the maximum allow-
able power level (VCC(max), ICC(max)), without exceeding
TJ(max), at a selected RθJA and TA.
Example:
Reliability for VCC at TA=150°C, estimated values based on pac-
kage UC, using single layer PCB.
Observe the worst-case ratings for the device, specifically:
RθJA=270°C/W, TJ(max) =165°C, VCC(max)= 24 V, and ICC =
10 mA.
Calculate the maximum allowable power level, PD(max). First,
invert equation 3:
Δ
T(max) = TJ(max) – TA = 165°C – 150°C = 15°C
This provides the allowable increase to TJ resulting from internal
power dissipation. Then, invert equation 2:
PD(max) = ΔT(max) ÷RθJA =15°C÷270°C/W=55.5mW
Finally, invert equation 1 with respect to voltage:
VCC(est) = PD(max) ÷ ICC= 55.5mW÷10mA=5.55 V
The result indicates that, at TA, the application and device can
dissipate adequate amounts of heat at voltages ≤VCC(est).
Compare VCC(est) to VCC(max). If VCC(est) ≤ VCC(max), then reli-
able operation between VCC(est) and VCC(max) requires enhanced
RθJA. If VCC(est) ≥ VCC(max), then operation between VCC(est) and
VCC(max) is reliable under these conditions.
THERMAL CHARACTERISTICS: May require derating at maximum conditions
Characteristic
Symbol
Test Conditions*
Value
Unit
Package Thermal Resistance
RθJA
1-layer PCB with copper limited to solder pads
270
°C/W
*Additional thermal information available on the Allegro website.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com