Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A19530LUCX-TN-RDMOOEG-A Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A19530LUCX-TN-RDMOOEG-A
Description  High Feature Three-Wire Hall-Effect Transmission Speed and Direction Sensor IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A19530LUCX-TN-RDMOOEG-A Datasheet(HTML) 5 Page - Allegro MicroSystems

  A19530LUCX-TN-RDMOOEG-A Datasheet HTML 1Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 2Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 3Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 4Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 5Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 6Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 7Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 8Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
High Feature Three-Wire Hall-Effect
Transmission Speed and Direction Sensor IC
A19530
5
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
OPERATING CHARACTERISTICS (continued): Valid through full operating and temperature ranges, unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ. [1]
Max.
Unit
PERFORMANCE CHARACTERISTICS
Operate Point
BOP
% peak to peak
–
69
–
%
Release Point
BRP
% peak to peak
–
31
–
%
Switch Point Separation
BDIFF(SP-SEP)
Minimum separation between channels as a
percentage of signal amplitude at each switching
point; refer to Figure 5
20
–
–
%
Differential Input Signal
Frequency, Forward Rotation [4]
fFWD
-xSxxxxx- and -xOxxxxx- variant
0
–
12
kHz
-xDxxxxx- variant
0
–
6
kHz
Differential Input Signal
Frequency, Reverse Rotation [4]
fREV
-xSNxxxx- variant
0
–
7
kHz
-xDNxxxx- variant
0
–
3.5
kHz
-xSWxxxx- variant
0
–
4
kHz
-xDWxxxx- variant
0
–
2
kHz
Differential Input Signal
Frequency, Non-Direction [4]
fND
-xSxPHxx- and -xSxPLxx- variant
0
–
2.2
kHz
-xDxPHxx- and -xDxPLxx- variant
0
–
1.1
kHz
TEMPERATURE COEFFICIENT
Sensitivity Temperature
Coefficient (TC)
TC
-xxxxxxG- variant
–
0.04
–
%/°C
-xxxxxxJ- variant
–
0.13
–
%/°C
POWER-ON AND CALIBRATION
Power-On Time
tPO
fOP < 100 Hz
–
–
2
ms
First Direction Output Pulse [6]
Amount of target rotation
(constant direction)
following power-on until
first electrical output pulse
of either tw(FWD) or tw(REV);
Refer to Figure 3
-xxxxCxx- variant
–
1.5
< 2.5
TCYCLE
-xxxxLxx- variant,
-xxxxHxx- variant;
BDIFF(pk-pk) > 60 G,
BDIFF(pk-pk) ≤ 1500 G
–
2
< 3.1
TCYCLE
-xxxxLxx- variant,
-xxxxHxx- variant;
30 G ≤ BDIFF(pk-pk),
BDIFF(pk-pk) ≤ 60 G
–
2.5
< 4
TCYCLE
First Direction Pulse Output
Following Direction Change
NCD
Amount of target rotation
(constant direction)
following event until first
electrical output pulse of
either tw(FWD) or tw(REV);
refer to Figure 3
-xxxxCxx- variant,
-xxxxLxx- variant
–
1
< 1.5
TCYCLE
-xxxxHxx- variant
1
2
< 3
TCYCLE
First Direction Pulse Output
Following Running Mode
Vibration
Amount of target rotation
(constant direction)
following event until first
electrical output pulse of
either tw(FWD) or tw(REV);
refer to Figure 3
-xxxxCxx- variant
–
1
< 2.5
TCYCLE
-xxxxLxx- variant,
-xxxxHxx- variant
1
2
< 3.5
TCYCLE
[4]
Maximum operating frequency specified for output rise time tr < 17 µs. Parameter determined by satisfactory separation of output pulses tw. If end-
user can resolve smaller time between pulses with faster rise time, maximum frequency may be increased up to 12 kHz.
[5]
Power-On Time includes the time required to complete the internal automatic offset adjust. Part is then ready for peak acquisition.
[6]
Power-on frequency <200 Hz. Higher power-on frequencies may require more input magnetic cycles until directional output pulses are achieved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com