| Electronic Components Datasheet Search |
|
A19530LUCX-TN-RDMOOEG-A Datasheet(PDF) 12 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
A19530LUCX-TN-RDMOOEG-A Datasheet(HTML) 12 Page - Allegro MicroSystems |
|
12 / 18 page ![]() High Feature Three-Wire Hall-Effect Transmission Speed and Direction Sensor IC A19530 12 Allegro MicroSystems, LLC 955 Perimeter Road Manchester, NH 03103-3353 U.S.A. www.allegromicro.com Start-Up Detection / Calibration When power is applied to the A19530, the sensor IC internally detects the profile of the target. The gain and offset of the detected signals are adjusted during the calibration period, normalizing the internal signal amplitude for the air gap range of the device. The Automatic Gain Control (AGC) feature ensures that opera- tional characteristics are isolated from the effects of installation air gap variation. Automatic Offset Adjustment (AOA) is circuitry that compen- sates for the effects of chip, magnet, and installation offsets. This circuitry works with the AGC during calibration to adjust signal to the A-to-D input range and allow for acquisition of signal peaks. AOA and AGC function separately on the two differential signal channels. Direction information is available after calibration is complete. For the -xxxBxxx- variant, the output becomes active at the end of calibration. For the -xxxPxxx- variant, output pulses of tw(ND) are supplied during calibration. Figure 14 through Figure 16 show where the first output edge may occur for various starting target phases. Figure 14: Start-up position effect on first device output switching (-xxxBHxx or -xxxBLxx variants) t V OUT Target Differential Magnetic Profile Target Rotation Opposite north pole Opposite N→S boundary Opposite south pole Opposite S→N boundary Device Location at Power-On t W(FWD) or t W(REV) t W(FWD) or t W(REV) t W(FWD) or t W(REV) t W(FWD) or t W(REV) t W(FWD) or t W(REV) t W(FWD) or t W(REV) t W(FWD) or t W(REV) N N N N N S S S S Figure 15: Start-up position effect on first device output switching (-xxxPHxx or -xxxPLxx variants) t VOUT Target Differential Magnetic Profile Target Rotation Opposite north pole Opposite N→S boundary Opposite S→N boundary Opposite south pole Device Location at Power-On tW(FWD) or tW(REV) tW(ND) tW(ND) tW(ND) tW(ND) tW(FWD) or tW(REV) tW(FWD) or tW(REV) tW(ND) tW(FWD) or tW(REV) tW(FWD) or tW(REV) tW(ND) tW(ND) tW(ND) tW(FWD) or tW(REV) tW(FWD) or tW(REV) N N N N N S S S S |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |