Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A19530LUCX-TN-RDMOOEG-A Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A19530LUCX-TN-RDMOOEG-A
Description  High Feature Three-Wire Hall-Effect Transmission Speed and Direction Sensor IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A19530LUCX-TN-RDMOOEG-A Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A19530LUCX-TN-RDMOOEG-A Datasheet HTML 4Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 5Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 6Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 7Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 8Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 9Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 10Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 11Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
High Feature Three-Wire Hall-Effect
Transmission Speed and Direction Sensor IC
A19530
8
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
FUNCTIONAL DESCRIPTION
Sensing Technology
The sensor IC contains a single-chip Hall-effect circuit that
supports a trio of Hall elements. These are used in differential
pairs to provide electrical signals containing information regard-
ing edge position and direction of target rotation. The A19530 is
intended for use with magnetic trigger wheels or ferromagnetic
targets if back-biased with a magnet.
After proper power is applied to the sensor IC, it is capable of
providing digital information that is representative of the mag-
netic features of a rotating target. The waveform diagrams in
Figure 7 present the automatic translation of the target profiles,
through their induced magnetic profiles, to the digital output
signal of the sensor IC.
Direction Detection
The sensor IC compares the relative phase of its two differential
channels to determine which direction the target is moving. The
relative switching order is used to determine the direction, which
is communicated through the output protocol.
Data Protocol Description
When a target passes in front of the device (opposite the branded
face of the package case), the A19530 generates an output pulse
for each pole pair of the target (-xSxxxxx variant). Speed infor-
mation is provided by the output pulse rate, while direction of
target rotation is provided by the duration of the output pulses.
The sensor IC can sense target movement in both the forward and
reverse directions.
Forward Rotation (see top panel in Figure 6): When the target
is rotating such that a tooth near the sensor IC (of -Fxxxxxx
variant) passes from pin 1 to pin 3, this is referred to as forward
rotation. This direction is opposite for the -Rxxxxxx variant.
Forward rotation is indicated by output pulse widths of tw(FWD)
(45 μs typical).
Reverse Rotation (see bottom Figure 6): When the target is
rotating such that a tooth passes from pin 3 to pin 1, it is referred
to as reverse rotation for the -Fxxxxxx variant. Reverse rotation
is indicated by output pulse widths of tw(REV) (90 μs typical for
-xxNxxxx variant, or 180 μs typical for -xxWxxxx variant).
Speed Only Protocol: When the A19530 is configured with
the -xOOOOxx- variant, the device directly outputs the digital
representation of the target from the master differential Channel
(Channel A' in Figure 7).
Figure 6: Target Rotation for –Fxxxxxx variant;
Rxxxxxx variant inverts detected direction of rotation
Pin 1
Pin 3
N
N
N
S N
S
S
S
Pin 1
Pin 3
Rotatin
(Ring magnet or
ferromagnetic)
gTarget
Branded Face
of UC Package
Forward Rotation
N
N
N
S N
S
S
S
Rotatin
(Ring magnet or
ferromagnetic)
g Target
Reverse Rotation
Branded Face
of UC Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com