Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A19530LUCX-TN-RDMOOEG-A Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A19530LUCX-TN-RDMOOEG-A
Description  High Feature Three-Wire Hall-Effect Transmission Speed and Direction Sensor IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A19530LUCX-TN-RDMOOEG-A Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A19530LUCX-TN-RDMOOEG-A Datasheet HTML 6Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 7Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 8Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 9Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 10Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 11Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 12Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 13Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
High Feature Three-Wire Hall-Effect
Transmission Speed and Direction Sensor IC
A19530
10
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Timing
In speed only mode with forward direction (-FOOOOxx option),
the rising electrical edge occurs slightly before the sensed mag-
netic edge traverses the package branded face (Figure 8).
In pulse output protocol with forward direction (-FSxxLxx and
-FSxxHxx variants), the pulse appears at the output slightly
before the sensed magnetic edge traverses the package branded
face. This is true in both forward and reverse target rotation direc-
tion, but it must be noticed that the magnetic edge is opposite in
reverse direction (Figure 9).
With the -xxxxCxx variant, the sensed mechanical edge that
stimulates output pulses is kept the same for both forward and
reverse rotation, resulting in having the pulse on same pole in
forward and reverse rotation (Figure 10). It must also be noticed
that in this mode, the pulse location may be different depending
on the power-up cycle conditions.
Direction Validation
For the -xxxxLxx and -xxxxCxx variants, following a direction
change in running mode, direction changes are immediately
transmitted to the output (Figure 11 and Figure 12).
For the -xxxxHxx variant, following a direction change in run-
ning mode, output pulses have a width of tw(ND) until direction
information is validated (Figure 13).
For the -xOOOOxx option, output transitions are emitted directly
after direction change event.
Figure 8: Output Protocol
(-FOOOxx- variant)
Figure 9: Output Protocol
(-FSxxLxx & -FSxxHxx variants)
Figure 10: Output Protocol (-FSxxCxx variant)
N
S
Forward Rotation
Reverse Rotation
Output
(Forward Rotation)
Output
(Reverse Rotation)
t
t
N
S
Forward Rotation
Reverse Rotation
Output
(Forward Rotation)
Output
(Reverse Rotation)
t
t
∆fwd
tw(FWD) 45 µs
tw(REV)
∆rev
N
S
Forward Rotation
Reverse Rotation
Output
(Forward Rotation)
Output
(Reverse Rotation)
t
t
∆fwd
tw(FWD) 45 µs
tw(REV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com