Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A19530LUCX-TN-RDMOOEG-A Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A19530LUCX-TN-RDMOOEG-A
Description  High Feature Three-Wire Hall-Effect Transmission Speed and Direction Sensor IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A19530LUCX-TN-RDMOOEG-A Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A19530LUCX-TN-RDMOOEG-A Datasheet HTML 2Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 3Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 4Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 5Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 6Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 7Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 8Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 9Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
High Feature Three-Wire Hall-Effect
Transmission Speed and Direction Sensor IC
A19530
6
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
OPERATING CHARACTERISTICS (continued): Valid through full operating and temperature ranges, unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ. [1]
Max.
Unit
MAGNETIC CHARACTERISTICS
Differential Input Signal Range [7]
BDIFF(pk-pk) Differential magnetic signal
30
–
1500
G
Allowable User-Induced Offset
Magnitude valid on
differential magnetic
channels
-xxxxCxx- variant,
-xxxxLxx- variant,
-xxxxHxx- variant
–200
–
200
G
-xOOOOxx- variant
–300
–
300
G
Allowable Differential Sequential
Signal Variation
BSEQ(n+1) /
BSEQ(n)
Single cycle-to-cycle variation, BSEQ(n+1)/BSEQ(n);
no missed pulses (pulse variant), nor missed
edges (-xOOOOxx- variant); refer to Figure 4
0.6
–
–
–
Allowable Differential Sequential
Signal Variation
Single cycle-to-cycle variation, BSEQ(n+1)/BSEQ(n);
pulses count error but device can recover (pulse
variant) and possible missed edges but no flatline
(-xOOOOxx- variant); refer to Figure 4
0.35
–
–
–
VIBRATION IMMUNITY
Vibration immunity (Calibration)
ErrVib(SU)
-xxxxCxx- variant
0.5
1.0
–
TCYCLE
-xxxxLxx- and -xxxxHxx variant
1
–
–
TCYCLE
Vibration Immunity
(Running Mode)
ErrVib(RM)
-xxxxCxx- variant
–
none
–
TCYCLE
-xxxxLxx- and -xxxxHxx variant
1
–
–
TCYCLE
ASIL OUTPUT
ASIL Output Safe State
VASIL_safe_low
Internal failure detected for
4.75 V < VPU < 5.25 V,
ROUT = 0 Ω,
1.45 kΩ ≤ RPU ≤ 3.4 kΩ,
at sensor output in Figure 2
-xxxxxEx- variant
–
–
180
mV
Time In Safe State Before
Self-Reset
tw(ASIL_safe) Connected as in Figure 2
-xxxxxEx- variant
–
5
–
ms
[7]
Differential magnetic field is measured for Channel A (F1-F2) and Channel B (F2-F3) for pulse width variant and for Channel A' (F1-F3) for speed
only variant (-xOOOOxx- variant). Magnetic field is measured orthogonally to the front of the package. Refer to Figure 7 and package drawing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com