Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A19530LUCX-TN-RDMOOEG-A Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A19530LUCX-TN-RDMOOEG-A
Description  High Feature Three-Wire Hall-Effect Transmission Speed and Direction Sensor IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A19530LUCX-TN-RDMOOEG-A Datasheet(HTML) 4 Page - Allegro MicroSystems

  A19530LUCX-TN-RDMOOEG-A Datasheet HTML 1Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 2Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 3Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 4Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 5Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 6Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 7Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 8Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
High Feature Three-Wire Hall-Effect
Transmission Speed and Direction Sensor IC
A19530
4
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
OPERATING CHARACTERISTICS: Valid through full operating and temperature ranges, unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ. [1]
Max.
Unit
ELECTRICAL CHARACTERISTICS
Supply Voltage [2]
VCC
Operating; TJ < TJ(max), RSUPPLY = 0 Ω
4
–
24
V
Undervoltage Lockout
VCC(UV)
VCC 0 → 5 V or 5 → 0 V, RSUPPLY = 0 Ω
–
–
3.95
V
Reverse Supply Current
IRCC
VCC = VRCC(MAX)
–10
–
0
mA
Supply Zener Clamp Voltage
VZsupply
ICC = ICC(MAX) + 3 mA, TA = 25°C, RSUPPLY = 0 Ω
27
–
–
V
Supply Zener Current
IZ
TJ < TJ(max), VCC = 27 V
–
–
13
mA
Supply Current
ICC
–
8
10
mA
OUTPUT STAGE
Power-On State
POS
Connected as in Figure 2
High
–
Low Output Voltage
Vdiag-Low
4.75 V < VPU < 5.25 V,
Output = Low,
1.45 kΩ ≤ RPU ≤ 3.4 kΩ
at sensor output in Figure 2
-xxxxxEx- variant,
ROUT = 0 Ω
435
875
1115
mV
-xxxxxEx- variant,
ROUT = 50 Ω
500
875
1250
mV
Low Output Voltage Impedance
ZSat-Low
ISINK = 10 mA, Output
transistor ON, ROUT = 0 Ω
Open/short disabled
–
–
50
Ω
High Output Voltage
Vdiag-High
4.75 V < VPU < 5.25 V,
Output = High,
1.45 kΩ ≤ RPU ≤ 3.4 kΩ
at sensor output in Figure 2
-xxxxxEx- variant,
ROUT = 0 Ω
3735
4125
4475
mV
-xxxxxEx- variant,
ROUT = 50 Ω
3750
4125
4500
mV
Output Leakage Current
IOFF
Output transistor OFF,
VOUT = 24 V
Open/Short disabled
–
–
10
µA
Output Zener Clamp Voltage
VZOUT
IOUT = 3 mA, TA = 25°C
27
–
–
V
Output Current Limit
ILIM
VOUT = 12 V, TJ < TJ(max)
25
45
70
mA
Output Rise Time
tr(out-diag-ON)
RPU = 1.5 kΩ, VPU = 5 V, from
10% to 90%, ROUT = 0 Ω
-xxxxxEx- variant
–
15
–
µs
RPU = 3.3 kΩ, VPU = 5 V, from
10% to 90%, ROUT = 0 Ω
-xxxxxEx- variant
–
35
–
µs
Output Fall Time
tf
RPU = 1.5 kΩ, VPU = 5 V, from
90% to 10%, ROUT = 0 Ω
-xxxxxEx- variant
1.5
–
4.5
µs
Open/short disabled
0.5
–
2.5
µs
RPU = 3.3 kΩ, VPU = 5 V, from
90% to 10%, ROUT = 0 Ω
-xxxxxEx- variant
–
2.5
–
µs
Open/short disabled
–
1.5
–
µs
OUTPUT PULSE CHARACTERISTICS [3]
Pulse Width, Forward Rotation
tw(FWD)
Timing from start of falling
output transition to start of
rising output transition.
Measured pulse width
depends on circuit
configuration and
thresholds.
38
45
52
µs
Pulse Width, Reverse Rotation
tw(REV)
-xxNxxxx- variant
76
90
104
µs
-xxIxxxx- variant
114
135
156
µs
-xxMxxxx- variant
127
150
173
µs
Pulse Width, Non-Direction
tw(ND)
-xxWxxxx- variant
153
180
207
µs
-xxNPxxx- variant
153
180
207
µs
-xxIPxxx- variant,
-xxMPxxx- variant,
-xxWPxxx- variant
306
360
414
µs
[1]
Typical values are at TA = 25°C and VCC = 12 V. Performance may vary for individual units, within the specified maximum and minimum limits.
[2]
Maximum voltage must be adjusted for power dissipation and junction temperature; see Power Derating section.
[3]
Only applicable to direction detection options, S (Single) and D (Dual).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com