Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A19530LUCX-TN-RDMOOEG-A Datasheet(PDF) 17 Page - Allegro MicroSystems

Part # A19530LUCX-TN-RDMOOEG-A
Description  High Feature Three-Wire Hall-Effect Transmission Speed and Direction Sensor IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A19530LUCX-TN-RDMOOEG-A Datasheet(HTML) 17 Page - Allegro MicroSystems

Back Button A19530LUCX-TN-RDMOOEG-A Datasheet HTML 10Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 11Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 12Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 13Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 14Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 15Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 16Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 17Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 18Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
High Feature Three-Wire Hall-Effect
Transmission Speed and Direction Sensor IC
A19530
17
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
PACKAGE OUTLINE DRAWING
Figure 21: Package UC, 3-pin SIP
A
B
C
D
E
For Reference Only – Not for Tooling Use
(Reference DWG-0000409, Rev. 2)
Dimensions in millimeters –NOT TO SCALE
Dimensions exclusive of mold flash, gate burs, and dambar protrusions
Exact case and lead configuration at supplier discretion within limits shown
Dambar removal protrusion (12×)
Gate and tie burr area
Molded Lead Bar for alignment during shipment
Active Area Depth, 0.38 ±0.05 mm
Branding scale and appearance at supplier discretion
45°
0.85 ±0.05
0.85 ±0.05
23
1
B
4×10°
A
E
Branded
Face
0.42 ±0.05
1.27 REF
4.00
4.00
R 0.20 All Corners
R 0.30 All Corners
12.20 ±0.10
18.00 ±0.10
1.80
1.50 ±0.05
1.50 ±0.05
C
4.00
0.25+0.07
–0.03
Mold Ejector
Pin Indent
0.25 REF
0.30 REF
0.38 REF
0.25 REF
+0.06
–0.05
+0.06
–0.07
+0.06
–0.07
+0.06
–0.05
1.80
F
1.42
1.42
0.58
F
F
F
F
F1
F2
F3
F Hall elements (F1, F2, and F3); not to scale
D
Lines 1, 2, 3: max. 5 characters per line
Line 1: 5-digit Part Number
Line 2: 4-digit Date Code
Line 3: Characters 5, 6, 7, 8 of
Assembly Lot Number
Standard Branding Reference View
Date Code
Lot Number
XXXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com