Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A19530LUCX-TN-RDMOOEG-A Datasheet(PDF) 15 Page - Allegro MicroSystems

Part # A19530LUCX-TN-RDMOOEG-A
Description  High Feature Three-Wire Hall-Effect Transmission Speed and Direction Sensor IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A19530LUCX-TN-RDMOOEG-A Datasheet(HTML) 15 Page - Allegro MicroSystems

Back Button A19530LUCX-TN-RDMOOEG-A Datasheet HTML 10Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 11Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 12Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 13Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 14Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 15Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 16Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 17Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 18Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
High Feature Three-Wire Hall-Effect
Transmission Speed and Direction Sensor IC
A19530
15
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Diagnostic Capability
When diagnostic functionality is activated, the device continuously
monitors itself, from the signal chain to output levels and reports a
fault by driving the output to the safe state (low level) for a period
of time defined by tw(ASIL_safe). After this period of time, the device
will attempt to recover by self-reset. In case of permanent detectable
failure, the sequence is repeated indefinitely (see Figure 20).
Diagnostic option of A19530 allows for system failure detec-
tion such as short circuit or open wire. In such case, output goes
above or below normal operating voltage range (Vdiag-Low or
Vdiag-High) depending on the failure mode.
Table 1 summarizes the possible output states corresponding to
each of short or open wire events.
Figure 20: ASIL Output behavior (-xxxxxEx- variant)
Table 1: Output Open Short Diagnostic
External Event Type
Output Level
Hard short between VCC and GND
VPU
Hard short between VCC and OUT
VCC
Hard short between OUT and GND
GND
Open VCC
VPU
Open OUT
VPU
Open GND
VPU
Figure 19: Output Functionality in the presence of Running Mode Target Vibration (-xxxPHxx variant)
N
N
N
N
S
S
S
S
t
Target
Differential
Magnetic
Profile
Normal Target Rotation
Vibration
Normal Target Rotation
tW(ND)
tW(ND)
tW(ND)
tW(ND)
tW(FWD)
[ or tW(REV) ]
tW(FWD)
[ or tW(REV) ]
tW(FWD)
tW(FWD)
[ or tW(REV) ]
[ or tW(REV) ]
tW(FWD)
tW(FWD)
[ or tW(REV) ]
[ or tW(REV) ]
tW(ND)
...
...
...
Normal Operations
Permanent Failure
Vsat-High [VPU]
Vdiag-High
Vdiag-Low
VASIL-Safe-Low [GND]
tPO
tW(ASIL_safe)
tW(ASIL_safe)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com