Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A19530LUCX-TN-RDMOOEG-A Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A19530LUCX-TN-RDMOOEG-A
Description  High Feature Three-Wire Hall-Effect Transmission Speed and Direction Sensor IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A19530LUCX-TN-RDMOOEG-A Datasheet(HTML) 2 Page - Allegro MicroSystems

  A19530LUCX-TN-RDMOOEG-A Datasheet HTML 1Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 2Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 3Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 4Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 5Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 6Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 7Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 8Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
High Feature Three-Wire Hall-Effect
Transmission Speed and Direction Sensor IC
A19530
2
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
SELECTION GUIDE*
Part Number
Packing
A19530LUCCTN-FOOOOEJ-A
Tape and reel, 13-in. reel, 4000 pieces per reel
A19530LUCCTN-FSIBCEJ-A
Tape and reel, 13-in. reel, 4000 pieces per reel
* Not all combinations are available. Contact Allegro sales for availability and pricing of custom
programming options
A19530 L UCx -TN -
Sensitivity TC
G – SmCo
J – NdFeB
Open/Short Diagnostic for 5 V Pull-Up Voltage
E – Enables open/short diagnostic capability
- – No open/short detection
Vibration Immunity / Direction Change
C – No vibration immunity for continuous direction detection
L – Lagged vibration flag for immediate direction change recognition
H – High vibration immunity with non-direction pulses
O – Speed only output without vibration immunity
Calibration Pulses
B – Blanked, no output during calibration
P – Non Direction Pulses during calibration
O – Speed only output
Reverse/Non-Direction Pulse Width
N – Reverse = 90 µs, Non-Direction = 180 µs (narrow)
I – Reverse = 135 µs, Non-Direction = 360 µs (intermediate)
M – Reverse = 150 µs, Non-Direction = 360 µs (medium)
W – Reverse = 180 µs, Non-Direction = 360 µs (wide)
O – Speed only output
Number of Pulses
S – Single, one pulse per tooth-valley pair
D – Dual, one pulse per each tooth and valley
O – Speed only output
Rotation Direction
F – Forward pulses emitted for pin 1 to pin 3 rotation
R – Reverse pulses emitted for pin 1 to pin 3 rotation
Instructions: Packing type
Package Designation, Component Set
Operating Temperature Range
Allegro Identifier and Device Type
Configuration options
For example: A19530LUCCTN-RSNPHEJ-A
Where a configuration character is unspecified, “x” will be used. For example, -xSNPLEJ applies to both Rotation Direction
configuration variants.
ASIL Protocol
-A – ASIL protocol enabled
[blank] – ASIL protocol disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com