Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1726 Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP1726
Description  1A, Low Voltage, Low Quiescent Current LDO Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1726 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP1726 Datasheet HTML 18Page - Microchip Technology MCP1726 Datasheet HTML 19Page - Microchip Technology MCP1726 Datasheet HTML 20Page - Microchip Technology MCP1726 Datasheet HTML 21Page - Microchip Technology MCP1726 Datasheet HTML 22Page - Microchip Technology MCP1726 Datasheet HTML 23Page - Microchip Technology MCP1726 Datasheet HTML 24Page - Microchip Technology MCP1726 Datasheet HTML 25Page - Microchip Technology MCP1726 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
MCP1726
DS21936B-page 22
© 2005 Microchip Technology Inc.
8-Lead Plastic Dual Flat No Lead Package (MF) 3x3x0.9 mm Body (DFN) – Saw Singulated
Exposed Pad Length
Exposed Pad Width
Contact Length
*Controlling Parameter
Contact Width
Drawing No. C04-062
Notes:
Exposed pad dimensions vary with paddle size.
Overall Width
D2
E2
L
b
D
.016
.008
.009
.085
.055
.012
.118 BSC
Number of Pins
Standoff
Contact Thickness
Overall Length
Overall Height
Pitch
p
n
Units
A
A1
E
A3
Dimension Limits
8
.000
.001
.008 REF.
.118 BSC
.031
.026 BSC
MIN
INCHES
NOM
0.40
0.30
3.00 BSC
0.20
.020
.096
.015
.069
0.23
2.15
1.40
0.50
0.37
2.45
1.75
0.02
0.80
3.00 BSC
0.20 REF.
0.65 BSC
MILLIMETERS*
.002
.039
0.00
MIN
MAX
NOM
8
0.05
1.00
MAX
3.
Package may have one or more exposed tie bars at ends.
1.
Pin 1 visual index feature may vary, but must be located within the hatched area.
2.
0.90
.035
(Note 3)
(Note 3)
4. JEDEC equivalent: MO-229
Revised 03/11/05
-
--
-
D2
E
A1 A
A3
TOP VIEW
EXPOSED
METAL
PAD
BOTTOM VIEW
21
ID INDEX
PIN 1
D
L
E2
p
b
n
AREA
(NOTE 2)
TIE BAR
(NOTE 1)
EXPOSED
ALTERNATE EXPOSED
PAD CONFIGURATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com